Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4947KC-TUL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM4947KC-TUL
Description  Dual P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4947KC-TUL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM4947KC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APM4947KC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APM4947KC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APM4947KC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APM4947KC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APM4947KC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APM4947KC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APM4947KC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APM4947KC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
4
APM4947K
1E-4
1E-3
0.01
0.1
1
10 30
1E-3
0.01
0.1
1
2
Mounted on 1in
2 pad
R
θJA
: 62.5
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
Typical Characteristics
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
-VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Power Dissipation
Tj - Junction Temperature (°C)
0
204060
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T
A
=25
oC
0
204060
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
A
=25
oC,V
G
=-10V
0.01
0.1
1
10
100
0.01
0.1
1
10
50
1s
T
A
=25
o
C
10ms
1ms
100ms
DC


Similar Part No. - APM4947KC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4925 ANPEC-APM4925 Datasheet
129Kb / 9P
   P CHANNEL ENHANCEMENT MODE MOSFET
APM4925K ANPEC-APM4925K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
APM4925KC-TR ANPEC-APM4925KC-TR Datasheet
129Kb / 9P
   P CHANNEL ENHANCEMENT MODE MOSFET
APM4925KC-TR ANPEC-APM4925KC-TR Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
APM4925KC-TRL ANPEC-APM4925KC-TRL Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
More results

Similar Description - APM4947KC-TUL

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com