Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4953KC-TR Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM4953KC-TR
Description  Dual P-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4953KC-TR Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM4953KC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM4953KC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM4953KC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM4953KC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM4953KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM4953KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM4953KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM4953KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM4953KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
3
APM4953K
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM4953K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
11
Ciss
Input Capacitance
1260
Coss
Output Capacitance
400
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=-25V,
Frequency=1.0MHz
220
pF
td(ON)
Turn-on Delay Time
10
18
Tr
Turn-on Rise Time
15
20
td(OFF)
Turn-off Delay Time
22
38
Tf
Turn-off Fall Time
VDD=-15V, RL=15
Ω,
IDS=-1A, VGEN=-10V,
RG=6
15
25
ns
Notes:
a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
b : Guaranteed by design, not subject to production testing.


Similar Part No. - APM4953KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4953KC-TR ANPEC-APM4953KC-TR Datasheet
221Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
logo
ARTSCHIP ELECTRONICS CO...
APM4953KC-TR ARTSCHIP-APM4953KC-TR Datasheet
500Kb / 7P
   Dual P-Channel Enhancement Mode Mosfet
logo
VBsemi Electronics Co.,...
APM4953KC-TRL VBSEMI-APM4953KC-TRL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM4953KC-TR

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com