Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM9904KC-TU Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APM9904KC-TU
Description  Dual N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9904KC-TU Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APM9904KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APM9904KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APM9904KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APM9904KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APM9904KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APM9904KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APM9904KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APM9904KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APM9904KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Mar., 2005
www.anpec.com.tw
5
APM9904K
Drain-Source On Resistance
ID - Drain Current (A)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
VDS - Drain-Source Voltage (V)
Output Characteristics
Transfer Characteristics
VGS - Gate - Source Voltage (V)
Typical Characteristics (Cont.)
-50
-25
0
25
50
75
100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
I
DS
=250
µA
0
1234
5
0
5
10
15
20
25
30
3V
2.5V
2V
V
GS
= 4,5,6,7,8,9,10V
0
5
10
15
20
25
30
12
16
20
24
28
32
36
V
GS
=10V
V
GS
=4.5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
T
j
=125
o
C
T
j
=25
o
C
T
j
=-55
o
C


Similar Part No. - APM9904KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9922K ANPEC-APM9922K Datasheet
217Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM9922KC-TR ANPEC-APM9922KC-TR Datasheet
217Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM9922KC-TRL ANPEC-APM9922KC-TRL Datasheet
217Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM9922KC-TU ANPEC-APM9922KC-TU Datasheet
217Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
APM9922KC-TUL ANPEC-APM9922KC-TUL Datasheet
217Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM9904KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com