Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT7846 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APT7846
Description  Touch Screen Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APT7846 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APT7846 Datasheet HTML 1Page - Anpec Electronics Coropration APT7846 Datasheet HTML 2Page - Anpec Electronics Coropration APT7846 Datasheet HTML 3Page - Anpec Electronics Coropration APT7846 Datasheet HTML 4Page - Anpec Electronics Coropration APT7846 Datasheet HTML 5Page - Anpec Electronics Coropration APT7846 Datasheet HTML 6Page - Anpec Electronics Coropration APT7846 Datasheet HTML 7Page - Anpec Electronics Coropration APT7846 Datasheet HTML 8Page - Anpec Electronics Coropration APT7846 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.6 - Dec., 2001
APT7846
www.anpec.com.tw
3
Electrical Characteristics
At T
A = -40°C to 85°C, VCC = +2.7V , VREF = +2.5V , fSAMPLE = 125kHz , fCLK = 16 • f SAMPLE = 2MHz , 12-bit mode
, and digital inputs = GND or V
cc , unless otherwise noted.
APT7846
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Resolution
12
Bits
No missing code
11
Bits
Integral Nonlinearity
± 2
LSB
Offset Error
± 6
LSB
Offset Error Match
0.1
1
LSB
Gain Error
± 4
LSB
Gain Error Match
0.1
1
LSB
Noise
30
uV rms
Power Supply Rejection
70
dB
REFERENCE INPUT
VREF Input Voltage Range
1.0
Vcc
DC Leakage Current
± 1
µA
VREF Input Impedance
CS = GND or Vcc
5
GΩ
VREF Input Current
13
40
µA
FSAMPLE = 12.5 kHz
2.5
µA
CS = Vcc
3
µA
REFERENCE OUTPUT
Internal Reference Voltage
2.4
2.5
2.6
V
Input Impedence
Internal Reference Off
1
GΩ
DYNAMIC PERFORMANCE
Aperture Delay
30
ns
Aperture Jitter
100
ps
Channel to Channel Isolation
VIN = 2.5Vp-p ; FIN = 50kHz
100
dB
CONVERSION RATE
Conversion Time
12
DCLK cycles
Track/Hold Acquisition Time
3
DCLK cycles
Throughput Rate
125
KSPS
SWITCH DRIVERS
On-Resistance
Y+ , X+
4
15
Y- , X-
4
15


Similar Part No. - APT7846

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APT7843 ANPEC-APT7843 Datasheet
622Kb / 18P
   Touch Screen Controller
APT7843NI ANPEC-APT7843NI Datasheet
622Kb / 18P
   Touch Screen Controller
APT7843OI ANPEC-APT7843OI Datasheet
622Kb / 18P
   Touch Screen Controller
More results

Similar Description - APT7846

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com