Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTB5051UV Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # VTB5051UV
Description  VTB Process Photodiodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTB5051UV Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  VTB5051UV Datasheet HTML 1Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32
VTB Process Photodiodes
VTB5051UV
PRODUCT DESCRIPTION
Planar silicon photodiode in a dual lead TO-5
package with a UV transmitting “flat” window.
Chip is common to the case. These diodes have
very high shunt resistance and have good blue
response.
PACKAGE DIMENSIONS inch (mm)
CASE 14
TO-5 HERMETIC
CHIP ACTIVE AREA: .023 in2 (14.8 mm2)
ABSOLUTE MAXIMUM RATINGS
Storage Temperature:
-40°C to 110°C
Operating Temperature:
-40°C to 110°C
ELECTRO-OPTICAL CHARACTERISTICS @ 25°C (See also VTB curves, pages 21-22)
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
VTB5051UV
UNITS
Min.
Typ.
Max.
ISC
Short Circuit Current
H = 100 fc, 2850 K
85
130
µA
TC ISC
ISC Temperature Coefficient
2850 K
.12
.23
%/°C
VOC
Open Circuit Voltage
H = 100 fc, 2850 K
490
mV
TC VOC
VOC Temperature Coefficient
2850 K
-2.0
mV/°C
ID
Dark Current
H = 0, VR = 2.0 V
250
pA
RSH
Shunt Resistance
H = 0, V = 10 mV
.56
G
TC RSH
RSH Temperature Coefficient
H = 0, V = 10 mV
-8.0
%/°C
CJ
Junction Capacitance
H = 0, V = 0
3.0
nF
SR
Sensitivity
365 nm
0.1
A/W
SR
Sensitivity
220 nm
.038
A/W
λ
range
Spectral Application Range
200
1100
nm
λ
p
Spectral Response - Peak
920
nm
VBR
Breakdown Voltage
2
40
V
θ
1/2
Angular Resp. - 50% Resp. Pt.
±50
Degrees
NEP
Noise Equivalent Power
2.1 x 10-14 (Typ.)
D*
Specific Detectivity
1.8 x 10 13 (Typ.)
/ W
WHz
cm Hz
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto


Similar Part No. - VTB5051UV

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTB5051UVJ PERKINELMER-VTB5051UVJ Datasheet
28Kb / 1P
   VTB Process Photodiodes
More results

Similar Description - VTB5051UV

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTB5051B PERKINELMER-VTB5051B Datasheet
28Kb / 1P
   VTB Process Photodiodes
VTB8341 PERKINELMER-VTB8341 Datasheet
27Kb / 1P
   VTB Process Photodiodes
VTB9412 PERKINELMER-VTB9412 Datasheet
26Kb / 1P
   VTB Process Photodiodes
logo
List of Unclassifed Man...
VTB5041J ETC1-VTB5041J Datasheet
120Kb / 1P
   VTB Process Photodiodes
logo
PerkinElmer Optoelectro...
VTB1012B PERKINELMER-VTB1012B Datasheet
27Kb / 1P
   VTB Process Photodiodes
VTB6061UV PERKINELMER-VTB6061UV Datasheet
33Kb / 1P
   VTB Process Photodiodes
VTB6061CIE PERKINELMER-VTB6061CIE Datasheet
30Kb / 1P
   VTB Process Photodiodes
VTB6061UVJ PERKINELMER-VTB6061UVJ Datasheet
32Kb / 1P
   VTB Process Photodiodes
logo
List of Unclassifed Man...
VTB5040J ETC1-VTB5040J Datasheet
123Kb / 1P
   VTB Process Photodiodes
logo
PerkinElmer Optoelectro...
VTB5051 PERKINELMER-VTB5051 Datasheet
28Kb / 1P
   VTB Process Photodiodes
VTB6061 PERKINELMER-VTB6061 Datasheet
31Kb / 1P
   VTB Process Photodiodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com