Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW6021KC-TR Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW6021KC-TR
Description  Advanced PWM and Triple Linear Power Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW6021KC-TR Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW6021KC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APW6021KC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APW6021KC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APW6021KC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW6021KC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW6021KC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APW6021KC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APW6021KC-TR Datasheet HTML 11Page - Anpec Electronics Coropration APW6021KC-TR Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. P.4 - Mar., 2001
APW6021
www.anpec.com.tw
8
Table 1 Output Voltage Program
Pin Name
Pin Name
VID4
VID3
VID2
VID1
VID0
Nominal Output
Voltage Dacout
VID4
VID3
VID2
VID1
VID0
Nominal Output
Voltage Dacout
0
1
111
1.3
111
11
0
0
1
110
1.35
111
10
2.1
0
1
101
1.4
111
01
2.2
0
1
100
1.45
111
00
2.3
0
1
011
1.5
110
11
2.4
0
1
010
1.55
110
10
2.5
0
1
001
1.6
110
01
2.6
0
1
000
1.65
110
00
2.7
0
0
111
1.7
101
11
2.8
0
0
110
1.75
101
10
2.9
0
0
101
1.8
101
01
3.0
0
0
100
1.85
101
00
3.1
0
0
011
1.90
100
11
3.2
0
0
010
1.95
100
10
3.3
0
0
001
2.00
100
01
3.4
0
0
000
2.05
100
00
3.5
Simplified Power System Diagram
Linear
Controller
Linear
Controller
PWM
Controller
APW6021
+5V
IN
Linear
Controller
Q1
Q2
V
OUT3
Q3
V
OUT2
+3.3V
IN
Q4
Q5
V
OUT4
V
OUT1


Similar Part No. - APW6021KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TR ANPEC-APW6021AKC-TR Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TRL ANPEC-APW6021AKC-TRL Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TU ANPEC-APW6021AKC-TU Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021AKC-TUL ANPEC-APW6021AKC-TUL Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
More results

Similar Description - APW6021KC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
   Advanced PWM and Dual Linear Power Controllers
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Anpec Electronics Corop...
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
   Advanced Dual PWM and Dual Linear Power Controllers
logo
Intersil Corporation
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com