Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW1172KAC-TRL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW1172KAC-TRL
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1172KAC-TRL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW1172KAC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW1172KAC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW1172KAC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW1172KAC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW1172KAC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW1172KAC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW1172KAC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW1172KAC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW1172KAC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APW1172
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Pin Description
Features
Consumer: STB, DVD, TV, VCR, Car Radio,
LCD monitors
Networking: XDSL, Modems, DC-DC Modules
Computer: Printers, Audio/Graphic Cards,
Optical Storage, Hard Disk Drive
Industrial: Chargers, Car Battery DC-DC
Converters
2.5A Internal Switch
Operating Input Voltage from 4.8V to 22V
3.3V ±2% Reference Voltage
Output Voltage :
APW1172 - adjustable from 1.235V to 20V
Low Dropout Operation: 100% Duty Cycle
250KHz Internally Fixed Frequency
Voltage Feed-Forward
Zero Load Current Operation
Internal Current Limit
Inhibit for Zero Current Consumption
Synchronization
Protection Against Feedback Disconnection
Thermal Protection
External Soft-Start
Over-Voltage Protection
Lead Free Available (RoHS Compliant)
Applications
The APW1172 is a step down monolithic power
switching regulator with a switching current limit of
3.8A so it is able to deliver more than 2.5A DC current
to the load depending on the application conditions.
The output voltage can be set from 1.235V to 22V.The
high current level is also achieved utilize an SO8
package with exposed pad frame. The type of package
allows to re-duce the Rth (j-amb) down to approximately
45
°C/W.
An internal oscillator fixes the switching frequency at
250KHz.
Having a minimum input voltage of 4.8V only, it is
particularly suitable for 5V bus, available in all computer
related applications.
Pulse by pulse current limit with the internal frequency
modulation offers an effective constant current short
circuit protection.
General Description
= Thermal Pad
(connected to GND plane for better heat
dissipation)
SOP-8-P (Top View)
1
2
3
4
8
7
6
5
VCC
GND
VREF
FB
OUT
SYNC
INH
COMP


Similar Part No. - APW1172KAC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TR ANPEC-APW1173KAC-TR Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TRL ANPEC-APW1173KAC-TRL Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TU ANPEC-APW1173KAC-TU Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
APW1173KAC-TUL ANPEC-APW1173KAC-TUL Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
More results

Similar Description - APW1172KAC-TRL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
   380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
   380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
826Kb / 13P
   2.5A switch step down switching regulator for automotive applications
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
[Old version datasheet]   LM25005 42V, 2.5A Step-Down Switching Regulator
logo
STMicroelectronics
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
   2A switch step down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com