Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL10E Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL10E
Description  DC/DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL10E Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL10E Datasheet HTML 1Page - Artesyn Technologies SIL10E Datasheet HTML 2Page - Artesyn Technologies SIL10E Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
E Class Non-isolated
1
2 YEAR WARRANTY
SIL10E Series
Single output
NEW Product
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
Fixed output versions
±10%
5Vin with wide trim
3.6V to 0.8V
3.3Vin with wide trim
2.75V to 0.8V
Setpoint accuracy
±2.7%
Line regulation
±1.0%
Load regulation
±1.0%
Minimum load
0A
Overshoot/undershoot
None
Ripple and noise
50mV pk-pk
0 to 20MHz BW
25mV rms max.
Temperature co-efficient
±0.01%/ºC
Transient response
50mV max. deviation
50µs recovery to
within ±1.0%
Remote sense
10% Vo compensation
INPUT SPECIFICATIONS
Input voltage range
3.0 to 5.5VDC
Input current
No load
70mA
Input current (max.)
8A max. @ Io max.
and Vout = 3.3V
Input current ripple
65mA rms
Remote ON/OFF
(See Note 1)
Start-up time
20ms
File Name: sil10e.pdf Rev: 27 Feb 2003
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E174104
UL60950 file No. E174104
TÜV
TÜV Product Service (EN60950) Certificate No. B02 12 38572 035
CB report and certificate to IEC60950
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
See table
Insulation voltage
Non-isolated
Switching frequency
Fixed
300kHz typ.
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
50.8 x 7.8 x 12.7mm
(Vertical version)
2.0 x 0.31 x 0.5 inches
Pin length
Vertical
0.135 ±0.02 in (3.43 ±0.5mm)
Weight
5g (0.18oz)
MTBF
Telcordia SR-332
7,042,000
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40ºC to +100ºC
(See Note 2)
Non-operating
-40ºC to +125ºC
PROTECTION
Short-circuit protection
Continuous
Thermal protection
Automatic recovery
10A Current rating
Input voltage range: 3.0V - 5.5V
Output voltage range: 0.8V - 3.63V
Ultra high efficiency: 95% @ 5Vin and 3.3Vout
Extremely low internal power dissipation
Minimal thermal design concerns
Designed in reliability: MTBF of >7 million hours
per Telcordia SR-332
Ideal solution where board space is at a premium
or tighter card pitch is required
Industry standard footprint and pin out
The SIL10E series are non-isolated DC/DC converters packaged in a single-in-line footprint
giving designers a cost effective solution for conversion from either a 5V or a 3.3V source.
The SIL10E offers a range of fixed outputs and one wide trim output unit at an industry
leading 10A which allows maximum design flexibility and a pathway for future upgrades.
The SIL10E is designed for applications that include distributed power, workstations, optical
network and wireless applications. Implemented using state of the art surface mount
technology and automated manufacturing techniques, the SIL10E offers compact size and
efficiencies of up to 95%.


Similar Part No. - SIL10E

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL10E EMERSON-NETWORKPOWER-SIL10E Datasheet
189Kb / 3P
   DC-DC CONVERTERS E Class Non-isolated
logo
Advanced Energy Industr...
SIL10E ADVANCEDENERGY-SIL10E Datasheet
419Kb / 5P
   Non-Isolated DC-DC Converters
logo
Emerson Network Power
SIL10E-05S0V8-VJ EMERSON-NETWORKPOWER-SIL10E-05S0V8-VJ Datasheet
189Kb / 3P
   DC-DC CONVERTERS E Class Non-isolated
SIL10E-05S0V8-VJ EMERSON-NETWORKPOWER-SIL10E-05S0V8-VJ Datasheet
672Kb / 4P
   3.0 Vin - 5.5 Vin
SIL10E-05S1V0-VJ EMERSON-NETWORKPOWER-SIL10E-05S1V0-VJ Datasheet
189Kb / 3P
   DC-DC CONVERTERS E Class Non-isolated
More results

Similar Description - SIL10E

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com