Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW702612KC-TU Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW702612KC-TU
Description  Advanced PWM and Dual Linear Power Controllers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW702612KC-TU Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW702612KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW702612KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW702612KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW702612KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW702612KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW702612KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW702612KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APW702612KC-TU Datasheet HTML 10Page - Anpec Electronics Coropration APW702612KC-TU Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Sep., 2001
APW7026
www.anpec.com.tw
10
Tape & Reel Dimensions
Reliability test program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C , 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @ 125
°C
PCT
JESD-22-B, A102
168 Hrs, 100 % RH , 121
°C
TST
MIL-STD-883D-1011.9
-65
°C ~ 150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms , I
tr > 100mA
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
A
J
B
T2
T1
C
Application
A
B
C
J
T1
T2
W
P
E
SOP- 28
330
±1
62
±1.5 12.75 ± 0. 5
2
± 0.6 24.4 ± 0.2
2
± 0.2
24
± 0.3
12
± 0.1 1.75± 0.1
Application
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOP- 28
11.5
± 0.1 1.5 +0.1
1.5+ 0.25
4.0
± 0.1 2.0 ± 0.1 10.85 ± 0.1 18.34± 0.1 2.97± 0.1 0.35±0.01
(mm)


Similar Part No. - APW702612KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7025 ANPEC-APW7025 Datasheet
62Kb / 6P
   Advanced PWM and Dual Linear Power Control
APW7025KC-TR ANPEC-APW7025KC-TR Datasheet
62Kb / 6P
   Advanced PWM and Dual Linear Power Control
APW7025KC-TU ANPEC-APW7025KC-TU Datasheet
62Kb / 6P
   Advanced PWM and Dual Linear Power Control
More results

Similar Description - APW702612KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
   Advanced Dual PWM and Dual Linear Power Controllers
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
   Advanced PWM and Dual Linear Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com