Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW703615KC-TU Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW703615KC-TU
Description  Advanced Dual PWM Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW703615KC-TU Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW703615KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APW703615KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW703615KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW703615KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW703615KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW703615KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW703615KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW703615KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APW703615KC-TU Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.1 - May, 2001
APW7036
www.anpec.com.tw
6
Simplified Power System Diagram
Typical Characteristics
APW7036
+5 V IN
Q1
Q2
Q3
Synchronous
PWM
Controller
Standard
Buck
PWM
Controller
V
OUT2
V
OUT1
+5V
VOUT2
(3.3V)
VOUT1
(2.5V)
+5V
+12V
C10
330uF
R12
1.2K
C8
220pF
R13
5.1R
Q2
APM9410
D1
FM5800
R9
120RF
C11
330uF
R10
100RF
R7
3K
R4
5.1R
Q1B
APM7313
C5
330uF
C4
330uF
C3
330uF
L2
7.8uH
Q1A
APM7313
C2
220pF
R2
1.2K
R3
5.1R
C1
1uF
R1
10R
L3
7.8uH
L1
1uH
C6
10pF
C2
2700pF
R6
100RF
R5
67RF
R8
150K
1
10
9
8
7
6
5
4
3
2
20
11
12
13
14
15
16
17
18
19
UGATE
OCSET2
PGOOD
PHASE2
GATE
VCC
NC
SS
FB2
FAULT
G N D
FB1
COMP
NC
VAUX
PGND
OCSET1
VSEN
LGATE
PHASE1
APW7036-15
LP1
LED
R11
750
+5V
C9
0.1uF
+3.3V


Similar Part No. - APW703615KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7035 ANPEC-APW7035 Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
APW703512KC-TR ANPEC-APW703512KC-TR Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
APW703512KC-TRL ANPEC-APW703512KC-TRL Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
APW703512KC-TU ANPEC-APW703512KC-TU Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
APW703512KC-TUL ANPEC-APW703512KC-TUL Datasheet
127Kb / 11P
   Advanced PWM and Linear Power Control
More results

Similar Description - APW703615KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
   ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
   1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
   Advanced PWM and Dual Fixed Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com