Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5506-16XC Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5506-16XC
Description  500mA Regulator Reset IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5506-16XC Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5506-16XC Datasheet HTML 6Page - Anpec Electronics Coropration APL5506-16XC Datasheet HTML 7Page - Anpec Electronics Coropration APL5506-16XC Datasheet HTML 8Page - Anpec Electronics Coropration APL5506-16XC Datasheet HTML 9Page - Anpec Electronics Coropration APL5506-16XC Datasheet HTML 10Page - Anpec Electronics Coropration APL5506-16XC Datasheet HTML 11Page - Anpec Electronics Coropration APL5506-16XC Datasheet HTML 12Page - Anpec Electronics Coropration APL5506-16XC Datasheet HTML 13Page - Anpec Electronics Coropration APL5506-16XC Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Sep., 2002
www.anpec.com.tw
10
APL5505/6/7
3
Packaging Information
M i ll im e t er s
I nc he s
Dim
Min .
Max .
Min .
Max .
A
1 .3 5
1 .7 5
0 .0 5 3
0 . 0 6 9
A 1
0. 10
0. 25
0. 004
0. 010
D
4 .8 0
5 .0 0
0 .1 8 9
0 . 1 9 7
E
3 .8 0
4 .0 0
0 .1 5 0
0 . 1 5 7
H
5 .8 0
6 .2 0
0 .2 2 8
0 . 2 4 4
L
0 .4 0
1 .2 7
0 .0 1 6
0 . 0 5 0
e1
0. 33
0. 51
0. 013
0. 020
e2
1. 27B S C
0. 50B S C
φ 18°
8
°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)


Similar Part No. - APL5506-16XC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5506-16XC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com