Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7037BKC-TR Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7037BKC-TR
Description  8-PIN Synchronous Buck PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7037BKC-TR Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7037BKC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APW7037BKC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APW7037BKC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APW7037BKC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APW7037BKC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APW7037BKC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW7037BKC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW7037BKC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APW7037BKC-TR Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.6 - Apr, 2005
APW7037/A/B
www.anpec.com.tw
6
Typical Applications (Cont.)
3. LCD Monitor Application Circuit
V IN
9V ~ 22V
V OUT
5V / 0.2~ 5 A
C8
0.1uF
C3
0.1uF
C6
1uF
C5
470uF
C4
47uF
C7,C10
2 x 470uF
R1
3k
R2
1k
Q1A
A P M 7313
L3
1uH
HDRV
5
L DRV
3
VC
FB
1
VC C
GN D
SS
8
CO M P
7
C9
2200pF
R3
24k
Q1B
A P M 7313
C1
1uF
D1
1N4148
L4
50uH
U1
A P W 7037
D2
1N4148
C2
1uF
R4
3
U2
A P L431
R5
18k
R6
10k
R7 1k
R9
12
Q2
2N3904
R8 0
C11
1uF
R10
12
C12
0.1uF
E x tra Circ uit for V IN> 15V A pplic ation


Similar Part No. - APW7037BKC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7037BKC-TRG ANPEC-APW7037BKC-TRG Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037BKC-TRL ANPEC-APW7037BKC-TRL Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
More results

Similar Description - APW7037BKC-TR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com