Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW38HC45AJI-TR Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW38HC45AJI-TR
Description  CMOS Current-Mode PWM Voltage Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW38HC45AJI-TR Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW38HC45AJI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APW38HC45AJI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APW38HC45AJI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APW38HC45AJI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APW38HC45AJI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW38HC45AJI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW38HC45AJI-TR Datasheet HTML 9Page - Anpec Electronics Coropration APW38HC45AJI-TR Datasheet HTML 10Page - Anpec Electronics Coropration APW38HC45AJI-TR Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Jan., 2003
APW38HC42A/3A/4A/5A
www.anpec.com.tw
8
Package Information
H
E
e1
e2
D
A
A1
0.004max.
1
L
e
0.015X45 °
SOP- 8 pin ( Reference JEDEC Registration MS-012)
Mi ll imet er s
I nc hes
Dim
Mi n .
Ma x .
Mi n .
Ma x .
A
1 .3 5
1 .7 5
0 .0 53
0.0 6 9
A 1
0.1 0
0.2 5
0.0 0 4
0 .0 10
D
4 .8 0
5 .0 0
0 .1 89
0.1 9 7
E
3 .8 0
4 .0 0
0 .1 50
0.1 5 7
H
5 .8 0
6 .2 0
0 .2 28
0.2 4 4
L
0 .4 0
1 .2 7
0 .0 16
0.0 5 0
e1
0.3 3
0.5 1
0.0 1 3
0 .0 20
e2
1.2 7 BS C
0 .5 0BS C
∅18°
8
°


Similar Part No. - APW38HC45AJI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712 ANPEC-APW300712 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TR ANPEC-APW300712KC-TR Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TU ANPEC-APW300712KC-TU Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300713 ANPEC-APW300713 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
More results

Similar Description - APW38HC45AJI-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Linear Technology
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
   Low Voltage Current Mode PWM Controller
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com