Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7035AKC-TUL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7035AKC-TUL
Description  Advanced PWM and Linear Power Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7035AKC-TUL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7035AKC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APW7035AKC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APW7035AKC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW7035AKC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW7035AKC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7035AKC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7035AKC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7035AKC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7035AKC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - Jul., 2001
APW7035
www.anpec.com.tw
3
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
V
CC
Supply Voltage
15
V
V
I , VO
Input , Output or I/O Voltage
GND -0.3 V to V
CC +0.3
V
T
A
Operating Ambient Temperature Range
0 to 70
°C
T
J
Junction Temperature Range
0 to 125
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature
300 ,10 seconds
°C
Electrical Characteristics
Thermal Characteristics
Symbol
Parameter
Value
Unit
R θJA
Thermal Resistance in Free Air
SOIC
SOIC (with 3in
2 of Copper)
75
65
°C/W
(Recommended operating conditions , Unless otherwise noted) Refer to Block and Simplified Power System
Diagrams , and Typical Application Schematic.
APW7035
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
CC Supply Current
I
CC
Nominal Supply Current
UGATE, LGATE, DRIVE
open
9mA
Power-on Reset
Rising VCC Threshold
Vocset=4.5V
10.7
V
Falling VCC Threshold
Vocset=4.5V
8.2
V
Rising VAUX Threshold
Vocset=4.5V
2.5
V
VAUX Threshold Hysteresis
Vocset=4.5V
0.5
V
Rising V
OCSET Threshold
1.26
V
Oscillator
F
OCS
Free Running Frequency
RT= Open
185
200
215
kHz
∆V
OSC
Ramp Amplitude
RT= Open
1.9
V
P-P


Similar Part No. - APW7035AKC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7036 ANPEC-APW7036 Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TR ANPEC-APW703612KC-TR Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TRL ANPEC-APW703612KC-TRL Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TU ANPEC-APW703612KC-TU Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
APW703612KC-TUL ANPEC-APW703612KC-TUL Datasheet
125Kb / 11P
   Advanced Dual PWM Power Controller
More results

Similar Description - APW7035AKC-TUL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6018 INTERSIL-HIP6018 Datasheet
133Kb / 14P
   Advanced PWM and Dual Linear Power Control
logo
Anpec Electronics Corop...
APW7015 ANPEC-APW7015 Datasheet
66Kb / 6P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018 RENESAS-HIP6018 Datasheet
1Mb / 30P
   Advanced PWM and Dual Linear Power Control
April 1999
logo
Intersil Corporation
HIP6017 INTERSIL-HIP6017 Datasheet
135Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6016 INTERSIL-HIP6016 Datasheet
130Kb / 14P
   Advanced PWM and Dual Linear Power Control
HIP6018BCB-T INTERSIL-HIP6018BCB-T Datasheet
390Kb / 15P
   Advanced PWM and Dual Linear Power Control
April 1, 2005
HIP6018B INTERSIL-HIP6018B_05 Datasheet
382Kb / 15P
   Advanced PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6018B RENESAS-HIP6018B Datasheet
758Kb / 15P
   Advanced PWM and Dual Linear Power Control
HIP6016 RENESAS-HIP6016 Datasheet
766Kb / 14P
   Advanced PWM and Dual Linear Power Control
January 1999
logo
Intersil Corporation
HIP6018B INTERSIL-HIP6018B Datasheet
134Kb / 14P
   Advanced PWM and Dual Linear Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com