Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7037KC-TUL Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7037KC-TUL
Description  8-PIN Synchronous Buck PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7037KC-TUL Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7037KC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APW7037KC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APW7037KC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW7037KC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW7037KC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7037KC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7037KC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7037KC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7037KC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.6 - Apr, 2005
APW7037/A/B
www.anpec.com.tw
2
Absolute Maximum Ratings
Block Diagram
VCC
VCC
VC
HDRV
LDRV
OSC
Gate
Control
V REF
SS
20uA
3.3V
GND
FOSC
CO M P
Error
Amp.
FB
PW M
25k
25k
V FBU V
Under-V oltage
Regulator
4.5V
Max .
64uA
POR
Pow er
On Res et
Description
Rating
Unit
VCC to GND
-0.2~30
V
VC to GND
-0.2~30
V
Operating Junction Temperature
0~125
°C
Storage Tem perature
-65~150
°C
Soldering Temperature (10 Seconds)
300
°C
Minim um ESD Rating
±2
kV
Ordering and Marking Information
APW 7037/A/B
Handling Code
Temp. Range
Package Code
Package Code
K : SO-8
R : TSSOP-8
Operating Junction Temp. Range
C : 0 to 70°C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device Blank : Original Device
APW 7037/A/B K :
APW 7037/A/B
XXXXX
XXXXX - Date Code
APW 7037/A/B R :
APW 7037/A/B
XXXXX
XXXXX - Date Code
Lead Free Code
Notes: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termi-
nation finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.


Similar Part No. - APW7037KC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7037A ANPEC-APW7037A Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AKC-TRG ANPEC-APW7037AKC-TRG Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AKC-TRL ANPEC-APW7037AKC-TRL Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AOC-TRG ANPEC-APW7037AOC-TRG Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AOC-TRL ANPEC-APW7037AOC-TRL Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
More results

Similar Description - APW7037KC-TUL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com