Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7066RC-TU Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7066RC-TU
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066RC-TU Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7066RC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW7066RC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW7066RC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APW7066RC-TU Datasheet HTML 10Page - Anpec Electronics Coropration APW7066RC-TU Datasheet HTML 11Page - Anpec Electronics Coropration APW7066RC-TU Datasheet HTML 12Page - Anpec Electronics Coropration APW7066RC-TU Datasheet HTML 13Page - Anpec Electronics Coropration APW7066RC-TU Datasheet HTML 14Page - Anpec Electronics Coropration APW7066RC-TU Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2005
APW7066
www.anpec.com.tw
11
Typical Characteristics (Cont.)
Time(2ms/div)
UGATE1(20V/div)
LGATE1(10V/div)
VOUT1(1V/div)
SS1(2V/div)
Time(2ms/div)
UGATE2(20V/div)
LGATE2(10V/div)
VOUT2(5V/div)
SS2(2V/div)
Time(2ms/div)
VREF(2V/div)
VOUT2(2V/div)
VOUT1(1V/div)
SS2=VCC
VOUT1=REFIN
SS1(2V/div)
VOUT1 Power Up
VOUT2 Power Up
DDR Mode Power Up
LG1(10V/div)
LG2(10V/div)
Time(1us/div)
Phase Shift 0 degrees


Similar Part No. - APW7066RC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7066RC-TRG ANPEC-APW7066RC-TRG Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
More results

Similar Description - APW7066RC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com