Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5901-20KC Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5901-20KC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5901-20KC Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5901-20KC Datasheet HTML 6Page - Anpec Electronics Coropration APL5901-20KC Datasheet HTML 7Page - Anpec Electronics Coropration APL5901-20KC Datasheet HTML 8Page - Anpec Electronics Coropration APL5901-20KC Datasheet HTML 9Page - Anpec Electronics Coropration APL5901-20KC Datasheet HTML 10Page - Anpec Electronics Coropration APL5901-20KC Datasheet HTML 11Page - Anpec Electronics Coropration APL5901-20KC Datasheet HTML 12Page - Anpec Electronics Coropration APL5901-20KC Datasheet HTML 13Page - Anpec Electronics Coropration APL5901-20KC Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
10
The minimum input-output voltage difference (dropout)
determines the lowest usable supply voltage. In bat-
tery-powered systems, this will determine the useful
end-of-life battery voltage. Because the APL5901/2
use a p-channel MOSFET pass transistor, the drop-
out voltage is a function of drain-to-source on-resis-
tance (R
DS(ON)) multiplied by the load current.
The APL5901/2 load-transient response graphs in typi-
cal characteristics show the transient response. A
step change in the load current from 10mA to 900mA
at 10
µs will cause a 20mV transient spike. Larger
output capacitor and lower ESR can reduce transient
spike.
Application Information
Capacitor Selection and Regulator
Stability
The APL5901/2 use at least a 1
µF capacitor on the
input, and this capacitor can be Aluminum, Tantalum
or Ceramic capacitor. The input capacitor with larger
value and lower ESR provides better PSRR and line-
transient response. The output capacitor also can use
Aluminum, Tantalum or Ceramic capacitor, and a mini-
mum v alue of 4.7
µF and ESR above 0.02Ω is
recommended. A larger output capacitor can reduce
noise and improve load-transient response, stability,
and PSRR. Note that some ceramic dielectrics ex-
hibit large capacitance and ESR v ariation with
temperature. When using this capacitor, a minimum
10uF or more may be required to ensure the stability
at low temperature operation. Use a bypass capaci-
tor at BP pin for low output nvise. Increasing the ca-
pacitance will slightly decrease the output noise, but
increase the start-up time.
Load-Transient Considerations
Input-Output (Dropout)Voltage
Reverse Current Protection
The APL5901/2 have an internal reverse protection, it
does not need an external schottky diode to connect
the regulator input and output. If the output voltage is
forced above the input voltage by more than 11mV,
the IC will be shutdown and the ground pin current is
below 0.1uA.
Current Limit
The APL5901/2 have a current limit protection. The
ouptut voltage will drop close to zero volt, when load
current reaches the limit, and then the load current
will be limited at 200mA after output voltage is below
0.7V. When the load current back to the value where
limiting started, the output voltage and current will re-
turn to normal value. When output is shorted to
ground, the APL5901/2 will keep short circuit current
at 200mA .
Shutdown/Enable
The APL5901/2 have an active high enable function.
Force EN high (>1.6V) enables the regulator, EN low
(<0.4V) disables the regulator and enter the shutdown
mode. In shutdown mode, the quiescent current can
reduce below 1uA. The EN pin cannot be floating, a
floating EN pin may cause an indeterminate state on
the output. If it is no use, connect to VIN for normal
operation.


Similar Part No. - APL5901-20KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRL ANPEC-APL5910KAI-TRL Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results

Similar Description - APL5901-20KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com