Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7073KE-TU Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7073KE-TU
Description  Synchronous Buck PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7073KE-TU Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7073KE-TU Datasheet HTML 3Page - Anpec Electronics Coropration APW7073KE-TU Datasheet HTML 4Page - Anpec Electronics Coropration APW7073KE-TU Datasheet HTML 5Page - Anpec Electronics Coropration APW7073KE-TU Datasheet HTML 6Page - Anpec Electronics Coropration APW7073KE-TU Datasheet HTML 7Page - Anpec Electronics Coropration APW7073KE-TU Datasheet HTML 8Page - Anpec Electronics Coropration APW7073KE-TU Datasheet HTML 9Page - Anpec Electronics Coropration APW7073KE-TU Datasheet HTML 10Page - Anpec Electronics Coropration APW7073KE-TU Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2006
APW7073
www.anpec.com.tw
7
Function Pin Descriptions
VCC
Power supply input pin. Connect a nominal 12V power
supply to this pin. The power-on reset function
monitors the input voltage by this pin. It is recommended
that a decoupling capacitor (1 to 10uF) be connected
to GND for noise decoupling.
PVCC
This pin provides a supply voltage for the lower gate
drive, connect this pin to VCC pin in normal use.
BOOT
This pin provides the bootstrap voltage to the upper
gate driver for driving the N-channel MOSFET.
PHASE
This pin is the return path for the upper gate driver.
Connect this pin to the upper MOSFET source. This
pin is also used to monitor the voltage drop across the
MOSFET for over-current protection.
GND
This pin is the signal ground pin. Connect the GND pin
to a good ground plane.
PGND
This pin is the power ground pin for the lower gate
driver. It should be tied to GND pin on the board.
COMP
This pin is the output of PWM error amplifier. It is used
to set the compensation components.
FB
This pin is the inverting input of the PWM error amplifier.
It is used to set the output voltage and the compensation
components. This pin is also monitored for under-
voltage protection; if the FB voltage is under 50% of
reference voltage, the device will be shut down.
UGATE
This pin is the gate driver for the upper MOSFET of
PWM output.
LGATE
This pin is the gate driver for the lower MOSFET of
PWM output.
SS
Connect a capacitor to GND and a 10uA current source
charges this capacitor to set the soft-start time.
OCSET
This pin serves two functions: a shutdown control and
the setting of over current limit threshold. Pulling this
pin below 1.3V will shutdown the controller, forcing
the UGATE and LGATE signals to be low.
A resistor (Rocset) connected between this pin and
the drain of the high side MOSFET will determine the
over current limit. An internal 200uA current source
will flow through this resistor, creating a voltage drop,
which will be compared with the voltage across the
high side MOSFET. The threshold of the over current
limit is therefore given by:
(
)
DS(ON)
OCSET
OCSET
PEAK
R
R
200uA
I
I
×
=
EN
Pull this pin above 1.3V to enable the device and pull
this pin below 1.2V to disable the device. In shutdown,
the SS is discharged and the UGATE and LGATE pins
are held low. Note that don’t leave this pin open.
RT
This pin allows adjusting the switching frequency.
Connect a resistor from RT pin to the ground to increase
the switching frequency. Conversely, connect a resistor
from RT to the VCC to decrease the switching
frequency.


Similar Part No. - APW7073KE-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7073KE-TRG ANPEC-APW7073KE-TRG Datasheet
928Kb / 20P
   Synchronous Buck PWM Controller
APW7073KE-TRG ANPEC-APW7073KE-TRG Datasheet
874Kb / 20P
   Synchronous Buck PWM Controller
APW7073KE-TRL ANPEC-APW7073KE-TRL Datasheet
928Kb / 20P
   Synchronous Buck PWM Controller
APW7073KE-TRL ANPEC-APW7073KE-TRL Datasheet
874Kb / 20P
   Synchronous Buck PWM Controller
More results

Similar Description - APW7073KE-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2540 TI1-UCC2540_16 Datasheet
1Mb / 43P
[Old version datasheet]   SYNCHRONOUS BUCK PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com