Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR3002-29A Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APR3002-29A
Description  MicroPower Microprocessor Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR3002-29A Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APR3002-29A Datasheet HTML 1Page - Anpec Electronics Coropration APR3002-29A Datasheet HTML 2Page - Anpec Electronics Coropration APR3002-29A Datasheet HTML 3Page - Anpec Electronics Coropration APR3002-29A Datasheet HTML 4Page - Anpec Electronics Coropration APR3002-29A Datasheet HTML 5Page - Anpec Electronics Coropration APR3002-29A Datasheet HTML 6Page - Anpec Electronics Coropration APR3002-29A Datasheet HTML 7Page - Anpec Electronics Coropration APR3002-29A Datasheet HTML 8Page - Anpec Electronics Coropration APR3002-29A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Feb., 2004
APR3001/2/3
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
MicroPower Microprocessor Reset Circuit
Features
General Description
Applications
Computers
Cell Phones
Portable Electronics
µP Power Supply Monitoring
The APR3001/2/3 are designed to monitor voltage
supplies in
µP and digital systems. The quiescent
current is extremely low, typically 1.5 µA, making it
ideal for portable battery operated equipment. The
APR3001/2/3 operate by monitoring the system
power supply voltage. When the input voltage drops
below a fixed threshold, the device asserts a reset
signal for a fixed time period after Vcc rises above
the fixed threshold. The APR3001/2/3 series is avail-
able with three output stage versions : APR3001
push-pull active low output, APR3002 push-pull ac-
tive high output and APR3003 open drain active low
output. They are also designed to reject fast line tran-
sient glitches on Vcc. The APR3001/2/3 are come in
a miniature SOT-23, SOT-23-5, SOT-89 packages.
1.2V to 6V Input Voltage Range
Low Quiescent Current : less Than 1.5 µA
High accuracy detection threshold : ±1.5%
Fixed trimmed reset thresholds for 1.5V, 1.75V,
2.32V, 2.63V, 2.93V, 3.08V, 3.9V, 4.38V.
Reset Timeout Period 250ms
Available output configurations
- Open-drain output
- CMOS active high output
- CMOS active low output
SOT-23 , SOT-23-5 and SOT-89 packages
No external components
Pin Configuration
SOT-23 (Top View)
Re s e t
12
3
GN D
V CC
Re s e t
(3001/3 )
(3002)
SOT-23-5 (Top View)
SOT-89 (Top View)
VCC GND
NC
NC
12
3
4
5
Reset
Reset
(3001/3)
(3002)
GND
V
CC
2
13
Reset
Reset
(3001/3)
(3002)


Similar Part No. - APR3002-29A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APR300215AI-TRG ANPEC-APR300215AI-TRG Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR300215AI-TRL ANPEC-APR300215AI-TRL Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR300215BI-TRG ANPEC-APR300215BI-TRG Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR300215BI-TRL ANPEC-APR300215BI-TRL Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR300215DI-TRG ANPEC-APR300215DI-TRG Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results

Similar Description - APR3002-29A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com