Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7095 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7095 Datasheet HTML 4Page - Anpec Electronics Coropration APW7095 Datasheet HTML 5Page - Anpec Electronics Coropration APW7095 Datasheet HTML 6Page - Anpec Electronics Coropration APW7095 Datasheet HTML 7Page - Anpec Electronics Coropration APW7095 Datasheet HTML 8Page - Anpec Electronics Coropration APW7095 Datasheet HTML 9Page - Anpec Electronics Coropration APW7095 Datasheet HTML 10Page - Anpec Electronics Coropration APW7095 Datasheet HTML 11Page - Anpec Electronics Coropration APW7095 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2005
APW7095/A
www.anpec.com.tw
8
Electrical Characteristics (Cont.)
APW7095/A
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Error Amplifier (CH6)
VTH
Threshold Voltage
FB = 0.55V
1.24
1.26
1.28
V
∆V
TH/
VTH
VTH Temperature Stability
TA = -30°C to 85°C
-
0.5
-
%
IB
Input Bias Current
IN6 = 0V
-50
-
-
nA
AV
Voltage Gain
DC
60
75
-
dB
BW
Frequency Bandwidth
AV = 0dB
-
1.0
-
MHz
VOH
Maximum Output Voltage
4.9
4.99
-
V
VOL
Minimum Output Voltage
-
3
50
mV
ISOURCE Output Source Current
FB = 0.55V
-
-50
-10
mA
ISINK
Output Sink Current
FB = 0.55V
60
120
-
µA
Inverted Amplifier (CH4)
VIO
Input Offset Voltage
OUT = 1.25V
-10
0
10
mV
IB
Input Bias Current
IN = 0V
-50
-
-
nA
AV
Voltage Gain
DC
60
100
-
dB
BW
Frequency Bandwidth
AV = 0dB
-
1.0
-
MHz
VOH
Maximum Output Voltage
4.9
4.99
-
V
VOL
Minimum Output Voltage
-
3
50
mV
ISOURCE Output Source Current
OUT = 1.25V
-
-26
-1.0
mA
ISINK
Output Sink Current
OUT = 1.25V
5
16
-
mA
Short Detect Comparator (CH1 to CH5)
VTH
Threshold Voltage
CH1 to CH5
0.97
1.00
1.03
V
IN = 0V (CH1 to CH3, CH5)
-50
-
-
IB
Input Bias Current
INS4 = 0V (CH4)
-50
-
-
nA
Short Detect Comparator (CH6)
VTH
Threshold Voltage
0.8
0.9
1.0
V
PWM Comparator (CH1 to CH5)
VT0
Duty = 0%
1.0
1.1
-
VT100
Threshold Voltage
Duty = 100%
-
1.8
1.9
V
IDTC
Input Current
DTC = 0.4V (CH1 to CH5)
-50
-
-
nA
PWM Comparator (CH6)
VT0
Duty = 0%
0.2
0.3
-
VTmax
Threshold Voltage
Duty = Max.
-
0.74
0.84
V
Dtr
Maximum Duty Cycle
CT = 100pF, RT = 18k
70
80
90
%
PWM Controller Driver for P-MOS (CH1, CH2, CH5)
ISOURCE Output Source Current
Duty
≤ 5%, OUT = 0V
-
-130
-80
ISINK
Output Sink Current
Duty
≤ 5%, OUT = 5V
100
160
-
mA
ROH
OUT = -15mA
-
18
30
ROL
Output ON Resistance
OUT = 15mA
-
10
20
Refer to the typical application circuit. These specifications apply over, VCC=5V and TA= -30 to 85
°C, unless other-
wise specified. Typical values refer to TA =25
°C.


Similar Part No. - APW7095

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095A ANPEC-APW7095A Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
More results

Similar Description - APW7095

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
logo
List of Unclassifed Man...
HPW7095 ETC1-HPW7095 Datasheet
350Kb / 23P
   6-Channel DC/DC Converter Control IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
   DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
   DC/DC CONVERTER CONTROL IC
logo
Renesas Technology Corp
PD16907 RENESAS-PD16907_15 Datasheet
411Kb / 24P
   6-CHANNEL DC-DC CONVERTER CONTROLER IC
logo
Aimtron Technology
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com