Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5308-34DC Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5308-34DC
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5308-34DC Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5308-34DC Datasheet HTML 1Page - Anpec Electronics Coropration APL5308-34DC Datasheet HTML 2Page - Anpec Electronics Coropration APL5308-34DC Datasheet HTML 3Page - Anpec Electronics Coropration APL5308-34DC Datasheet HTML 4Page - Anpec Electronics Coropration APL5308-34DC Datasheet HTML 5Page - Anpec Electronics Coropration APL5308-34DC Datasheet HTML 6Page - Anpec Electronics Coropration APL5308-34DC Datasheet HTML 7Page - Anpec Electronics Coropration APL5308-34DC Datasheet HTML 8Page - Anpec Electronics Coropration APL5308-34DC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.7 - Mar., 2004
APL5308/9
www.anpec.com.tw
2
P a ck age C o d e
A : S O T -2 3
B : S O T -2 3 -5
D : S O T -8 9
Te m p . R a n g e
C : 0 to 7 0 C
H and ling C o d e
TR : Ta p e & R e e l
V o lta ge C ode :
15 : 1.5V ~ 45 : 4 .5V
Le ad F re e C ode
L : L e a d F re e D e v ic e
B la n k : O rig in a l D e vic e
APL 53 0 8/9 -
H and ling C o d e
Te m p . R a n g e
P a ck age C o d e
V o lta ge C ode
A P L 530 8/9
XXXXX
1 5
X XX XX
- D a te C o d e
;
1 5 - 1 .5 V
A P L 530 8/9 -1 5 D :
Le ad F re e C ode
Ordering and Marking Information
°
Product Name
Marking
Product Name
Marking
APL5308-15A/B
389X
APL5309-15A/B
399X
APL5308-16A/B
38AX
APL5309-16A/B
39AX
APL5308-17A/B
38BX
APL5309-17A/B
39BX
APL5308-18A/B
38CX
APL5309-18A/B
39CX
APL5308-19A/B
38DX
APL5309-19A/B
39DX
APL5308-20A/B
38EX
APL5309-20A/B
39EX
APL5308-21A/B
38FX
APL5309-21A/B
39FX
APL5308-22A/B
38GX
APL5309-22A/B
39GX
APL5308-23A/B
38HX
APL5309-23A/B
39HX
APL5308-24A/B
38IX
APL5309-24A/B
39IX
APL5308-25A/B
38JX
APL5309-25A/B
39JX
APL5308-26A/B
38KX
APL5309-26A/B
39KX
APL5308-27A/B
38LX
APL5309-27A/B
39LX
APL5308-28A/B
38MX
APL5309-28A/B
39MX
APL5308-29A/B
38NX
APL5309-29A/B
39NX
APL5308-30A/B
38OX
APL5309-30A/B
39OX
APL5308-31A/B
38PX
APL5309-31A/B
39PX
APL5308-32A/B
38QX
APL5309-32A/B
39QX
APL5308-33A/B
38RX
APL5309-33A/B
39RX
APL5308-34A/B
38SX
APL5309-34A/B
39SX
APL5308-35A/B
38TX
APL5309-35A/B
39TX
APL5308-43A/B
38UX
APL5309-43A/B
39UX
APL5308-45A/B
38VX
APL5309-45A/B
39VX
Marking Information
SOT-23 and SOT-23-5 packages
The last character “X” in the marking is for data code.


Similar Part No. - APL5308-34DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308-34A ANPEC-APL5308-34A Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308-34B ANPEC-APL5308-34B Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
More results

Similar Description - APL5308-34DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
   ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078_V01 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com