Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7037RC-TRL Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7037RC-TRL
Description  8-PIN Synchronous Buck PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7037RC-TRL Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7037RC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW7037RC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW7037RC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7037RC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7037RC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7037RC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7037RC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW7037RC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW7037RC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.6 - Apr, 2005
APW7037/A/B
www.anpec.com.tw
7
Package Information
M i ll im e t er s
I nc he s
Dim
Min .
Max .
Min .
Max .
A
1 . 3 5
1 . 7 5
0 . 053
0. 069
A 1
0. 10
0. 25
0. 004
0. 010
D
4 . 8 0
5 . 0 0
0 . 189
0. 197
E
3 . 8 0
4 . 0 0
0 . 150
0. 157
H
5 . 8 0
6 . 2 0
0 . 228
0. 244
L
0 . 4 0
1 . 2 7
0 . 016
0. 050
e1
0. 33
0. 51
0. 013
0. 020
e2
1. 27B S C
0. 50B S C
φ 18°
8
°
H
E
e1
e2
D
A
A1
0.004max.
1
L
SOP-8 pin ( Reference JEDEC Registration MS-012)


Similar Part No. - APW7037RC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7037A ANPEC-APW7037A Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AKC-TRG ANPEC-APW7037AKC-TRG Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AKC-TRL ANPEC-APW7037AKC-TRL Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AOC-TRG ANPEC-APW7037AOC-TRG Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
APW7037AOC-TRL ANPEC-APW7037AOC-TRL Datasheet
221Kb / 11P
   8-PIN Synchronous Buck PWMController
More results

Similar Description - APW7037RC-TRL

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com