Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7120 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7120
Description  5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7120 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7120 Datasheet HTML 1Page - Anpec Electronics Coropration APW7120 Datasheet HTML 2Page - Anpec Electronics Coropration APW7120 Datasheet HTML 3Page - Anpec Electronics Coropration APW7120 Datasheet HTML 4Page - Anpec Electronics Coropration APW7120 Datasheet HTML 5Page - Anpec Electronics Coropration APW7120 Datasheet HTML 6Page - Anpec Electronics Coropration APW7120 Datasheet HTML 7Page - Anpec Electronics Coropration APW7120 Datasheet HTML 8Page - Anpec Electronics Coropration APW7120 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2006
APW7120
www.anpec.com.tw
4
Symbol
Parameter
Range
Unit
VCC
VCC Supply Voltage
4.5 ~ 13.2
V
VOUT
Converter Output Voltage
0.8 ~ 80%VIN
V
VIN
Converter Input Voltage
2.2 ~ 13.2
V
IOUT
Converter Output Current
0 ~ 20
A
TA
Ambient Temperature
-20 ~ 70
oC
TJ
Junction Temperature
-20 ~ 125
oC
Note 4: Please refer to the typical application circuit.
Thermal Characteristics
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Value
Unit
θ
JA
Junction-to-Ambient Resistance in free air (Note 3)
160
oC/W
Note 3:
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Electrical Characteristics
Unless otherswise specified, these specifications apply over VCC = 12V, VBOOT = 12V and TA = -20 ~ 70oC.
Typlcal values are at TA= 25oC.
APW7120
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SUPPLY CURRENT
IVCC
VCC Nominal Supply Current
UGATE and LGATE Open
-
2.1
6
mA
VCC Shutdown Supply Current
-
1.5
4
mA
POWER-ON RESET
Rising VCC Threshold
3.8
4.1
4.4
V
Hysteresis
0.3
0.45
0.6
V
OSCILLATOR
FOSC
Free Running Frequency
250
300
350
kHz
∆V
OSC
Ramp Amplitude
-
1.5
-
VP-P


Similar Part No. - APW7120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120AKE-TRG ANPEC-APW7120AKE-TRG Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120AKE-TRG ANPEC-APW7120AKE-TRG Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
More results

Similar Description - APW7120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A_09 Datasheet
685Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120_08 Datasheet
234Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
APW7165C ANPEC-APW7165C Datasheet
418Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com