Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7095AQDE-TY Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7095AQDE-TY
Description  6-Channel DC/DC Converter Control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095AQDE-TY Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7095AQDE-TY Datasheet HTML 5Page - Anpec Electronics Coropration APW7095AQDE-TY Datasheet HTML 6Page - Anpec Electronics Coropration APW7095AQDE-TY Datasheet HTML 7Page - Anpec Electronics Coropration APW7095AQDE-TY Datasheet HTML 8Page - Anpec Electronics Coropration APW7095AQDE-TY Datasheet HTML 9Page - Anpec Electronics Coropration APW7095AQDE-TY Datasheet HTML 10Page - Anpec Electronics Coropration APW7095AQDE-TY Datasheet HTML 11Page - Anpec Electronics Coropration APW7095AQDE-TY Datasheet HTML 12Page - Anpec Electronics Coropration APW7095AQDE-TY Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2005
APW7095/A
www.anpec.com.tw
9
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over, VCC=5V and TA= -30 to 85
°C, unless other-
wise specified. Typical values refer to TA =25
°C.
APW7095/A
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PWM Controller Driver for N-MOS (CH1, CH2, CH5, CH6)
ISOURCE Output Source Current
Duty
≤ 5%, OUT = 0V
-
-130
-80
ISINK
Output Sink Current
Duty
≤ 5%, OUT = 5V
100
160
-
mA
ROH
OUT = -15mA
-
18
30
ROL
Output ON Resistance
OUT = 15mA
-
10
20
PWM Controller Driver for P-MOS (CH3, CH4)
ISOURCE Output Source Current
Duty
≤ 5%, OUT = 0V
-
-290
-180
ISINK
Output Sink Current
Duty
≤ 5%, OUT = 5V
300
470
-
mA
ROH
OUT = -15mA
-
7
15
ROL
Output ON Resistance
OUT = 15mA
-
4
10
Output Switch Control (SW)
VIH
SWOUT = ”L” level
1.2
-
6.5
VIL
SW Input Voltage
SWOUT = ”H” level
0
-
0.5
V
ISWIN
Input Current
SWIN = 5V
-
2.5
20
µA
ISOURCE Output Source Current
SWOUT = 0V
-
-7
-
mA
ISINK
Output Sink Current
SWOUT = 5V
-
19
-
mA
ROH
OUT = -4mA
-
325
400
ROL
Output ON Resistance
OUT = 4mA
-
85
150
Power Good
VTH
IN1 Upper Threshold Voltage
Rising IN1
-
110
-
%
VTH
IN1 Lower Threshold Voltage
Rising IN1
-
94
-
%
Upper/Lower Hysteresis
-
2
-
%
VPGOOD PGOOD Output Voltage
IPGOOD = 4mA
-
0.17
0.8
V
Control Block (CTL, CT1 to CT5)
VIH
Active Mode
1.5
-
6.5
VIL
CTL Input Voltage
Standby Mode
0
-
0.5
V
ICTL
Input Current
CTL = 5V
-
2.6
20
µA


Similar Part No. - APW7095AQDE-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095A ANPEC-APW7095A Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
More results

Similar Description - APW7095AQDE-TY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
logo
List of Unclassifed Man...
HPW7095 ETC1-HPW7095 Datasheet
350Kb / 23P
   6-Channel DC/DC Converter Control IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
   DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
   DC/DC CONVERTER CONTROL IC
logo
Renesas Technology Corp
PD16907 RENESAS-PD16907_15 Datasheet
411Kb / 24P
   6-CHANNEL DC-DC CONVERTER CONTROLER IC
logo
Aimtron Technology
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com