Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7068KE-TUL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7068KE-TUL
Description  Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7068KE-TUL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7068KE-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APW7068KE-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APW7068KE-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APW7068KE-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APW7068KE-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APW7068KE-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APW7068KE-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APW7068KE-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APW7068KE-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2006
APW7068
www.anpec.com.tw
5
Unless otherwise specified, these specifications apply over VCC12=12V, and TA =-20~70
°C. Typical values
are at T
A=25°C.
Electrical Characteristics (Cont.)
APW7068
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
REFERENCE
VREF
Reference Voltage
for Error Amp1 and Amp2
0.792
0.80
0.808
V
Reference Voltage Tolerance
-1
+1
%
PWM Load Regulation
IOUT1=0 to 10A
1
%
Linear Load Regulation
IOUT2=0 to 3A
1
%
PWM ERROR AMPLIFIER
Gain
Open Loop Gain
RL=10k, CL=10pF (NOTE3)
93
dB
GBWP
Open Loop Bandwidth
RL=10k, CL=10pF (NOTE3)
20
MHz
SR
Slew Rate
RL=10k, CL=10pF (NOTE3)
8
V/us
FB Input Current
VFB=0.8V
0.1
1
uA
VCOMP
COMP High Voltage
5
V
VCOMP
COMP Low Voltage
0
V
ICOMP
COMP Source Current
COMP=2V
12
mA
ICOMP
COMP Sink Current
COMP=2V
12
mA
GATE DRIVERS
IUGATE
Upper Gate Source Current
2.5
A
IUGATE
Upper Gate Sink Current
BOOT=12V,
UGATE-PHASE = 2V
2
A
ILGATE
Lower Gate Source Current
2.5
A
ILGATE
Lower Gate Sink Current
VCC12=12V, LGATE=2V
3.5
A
RUGATE
Upper Gate Source Impedance BOOT=12V, IUGATE=0.1A
2.25
3.375
RUGATE
Upper Gate Sink Impedance
BOOT=12V, IUGATE=0.1A
0.7
1.05
RLGATE
Lower Gate Source Impedance VCC12=12V, ILGATE=0.1A
2.25
3.375
RLGATE
Lower Gate Sink Impedance
VCC12=12V, ILGATE=0.1A
0.4
0.6
TD
Dead Time
20
nS
LINEAR REGULATOR
Gain
Open Loop Gain
RL=10k, CL=10pF (NOTE3)
70
dB
GBWP
Open Loop Bandwidth
RL=10k, CL=10pF (NOTE3)
19
MHz
SR
Slew Rate
RL=10k, CL=10pF (NOTE3)
6
V/us
FBL Input Current
VFBL=0.8V
0.1
1
uA
VDRIVE
DRIVE High Voltage
10
V
VDRIVE
DRIVE Low Voltage
0
V
IDRIVE
DRIVE Source Current
DRIVE=5V
4
mA
IDRIVE
DRIVE Sink Current
DRIVE=5V
3
mA


Similar Part No. - APW7068KE-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068KE-TRG ANPEC-APW7068KE-TRG Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
More results

Similar Description - APW7068KE-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7068 ANPEC-APW7068_09 Datasheet
935Kb / 26P
   Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N Datasheet
1Mb / 27P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
BCD Semiconductor Manuf...
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
   Single Phase Synchronous Buck PWM Controller With Reference Input
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com