Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX6223 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX6223
Description  DSC Motors Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX6223 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX6223 Datasheet HTML 1Page - Anpec Electronics Coropration APX6223 Datasheet HTML 2Page - Anpec Electronics Coropration APX6223 Datasheet HTML 3Page - Anpec Electronics Coropration APX6223 Datasheet HTML 4Page - Anpec Electronics Coropration APX6223 Datasheet HTML 5Page - Anpec Electronics Coropration APX6223 Datasheet HTML 6Page - Anpec Electronics Coropration APX6223 Datasheet HTML 7Page - Anpec Electronics Coropration APX6223 Datasheet HTML 8Page - Anpec Electronics Coropration APX6223 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jul., 2005
APX6223
www.anpec.com.tw
4
Block Diagram
Logic
Control
Logic
Control
Logic
Control
Logic
Control
Constant current
H
Birdge
(6CH)
Constant Voltage
H
Bridge
(5CH)
Saturation drive
H
Bridge
(4CH)
Saturation drive
H
Bridge
(3CH)
Saturation drive
H
Bridge
(2CH)
Saturation drive
H
Bridge
(1CH)
DC
Zoom
Stepping
Focus
VCM
Shutter
TSD
Bias circuit
Low Voltage
Protection
Power save
33
44
12
11
10
9
8
7
6
5
4
3
2
1
13
24
34
32
31
35
28
27
29
30
39
43
47
42
41
45
40
46
14
18
22
21
19
17
16
20
15
23
36
26
VC5
VC6
25
VREF
48
37
38
VC6A
DGND
VBB
Motor
power
supply
Stepping
or DC
Iris
M
M
M
M
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Logic Supply Voltage
6.5
V
VBB
Motor Supply Voltage
6.5
V
IO
Peak Output Current (1ch ~ 6ch)
+-800
mA
IO
Continuous Output Current (1ch ~ 6ch)
+-500
mA
RT JA
Thermal Resistance – Junction to Ambient
LQFP 48
125
°C/W
TJ
Junction Temperature
0 to 150
°C
TOP
Operating Temperature Range
0 to 70
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C


Similar Part No. - APX6223

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX6219 ANPEC-APX6219 Datasheet
342Kb / 15P
   PWM Stepper Motor Driver
APX6219KI-TR ANPEC-APX6219KI-TR Datasheet
342Kb / 15P
   PWM Stepper Motor Driver
APX6219KI-TRL ANPEC-APX6219KI-TRL Datasheet
342Kb / 15P
   PWM Stepper Motor Driver
APX6219KI-TU ANPEC-APX6219KI-TU Datasheet
342Kb / 15P
   PWM Stepper Motor Driver
APX6219KI-TUL ANPEC-APX6219KI-TUL Datasheet
342Kb / 15P
   PWM Stepper Motor Driver
More results

Similar Description - APX6223

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8658FN SANYO-LB8658FN Datasheet
266Kb / 16P
   Monolithic Digital IC DSC Motor Driver
logo
Toshiba Semiconductor
TC78H630FNG TOSHIBA-TC78H630FNG Datasheet
356Kb / 15P
   DC brushed motors driver IC
logo
Sanyo Semicon Device
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
logo
Global Mixed-mode Techn...
G2007 GMT-G2007 Datasheet
92Kb / 1P
   6CH serial input motor driver IC for DSC
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6552FN TOSHIBA-TB6552FN_07 Datasheet
238Kb / 14P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TB6552FN TOSHIBA-TB6552FN Datasheet
231Kb / 12P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
   DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com