Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7078XI-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7078XI-TRL
Description  Single PWM Switching Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7078XI-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7078XI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW7078XI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW7078XI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW7078XI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW7078XI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW7078XI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW7078XI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW7078XI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW7078XI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. A.3 - Nov., 2005
APW7078
www.anpec.com.tw
5
Application Schematic
1
2
3
4
8
7
6
5
INV
SCP
VDD
CTL
FB
OSC
GND
OUT
C3
270pF
R4
4.3K
C4
0.1uF
R5
12K
Q1
APM2300A
150K
R3
R2
9.1K
10uH
L1
D1
SS12
C5
33uF
VOUT
9V
C2
0.1uF
C1
22uF
VIN
2.5V~5.5V
C8
1uF
R6
2R2
100mA
Cp
68pF
C6
0.1uF
Fig2: APW7078 Step-up Application for Adjust Voltage
R1
390K
Q2
2N7002
1
2
3
4
8
7
6
5
INV
SCP
VDD
CTL
FB
OSC
GND
OUT
C3
270pF
R4
3.3K
C4
0.1uF
R5
1K
Q1
APM2300A
1.2M
R3
R2
75K
22uH
L1
D1
SS12
C5
100uF
C6
0.1uF
9V
C2
0.1uF
C1
22uF
VIN
2.5V~5.5V
C7
1uF
R6
2R2
-9V
26V
C8
C9
C10
C11
C12
C13
D2
D3
D4
1uF
1uF
0.1uF
0.1uF
1uF
3.3uF
Fig3. APW7078 Multiple-output for TFT LCD Panel Power
R10
390K
Q2
2N7002
*R2≦100KΩ is recommended


Similar Part No. - APW7078XI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071 ANPEC-APW7071 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
APW7071CE-TR ANPEC-APW7071CE-TR Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TRL ANPEC-APW7071CE-TRL Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TU ANPEC-APW7071CE-TU Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
More results

Similar Description - APW7078XI-TRL

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ED8101 ALTERA-ED8101 Datasheet
958Kb / 23P
   Single-Rail PWM controller
ED8106 ALTERA-ED8106 Datasheet
736Kb / 14P
   Single-Rail PWM controller
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
   Single phase PWM controller
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com