Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9145 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APX9145
Description  High Sensitivity Hall Effect Sensor IC with FG Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9145 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APX9145 Datasheet HTML 2Page - Anpec Electronics Coropration APX9145 Datasheet HTML 3Page - Anpec Electronics Coropration APX9145 Datasheet HTML 4Page - Anpec Electronics Coropration APX9145 Datasheet HTML 5Page - Anpec Electronics Coropration APX9145 Datasheet HTML 6Page - Anpec Electronics Coropration APX9145 Datasheet HTML 7Page - Anpec Electronics Coropration APX9145 Datasheet HTML 8Page - Anpec Electronics Coropration APX9145 Datasheet HTML 9Page - Anpec Electronics Coropration APX9145 Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. A.2 - Nov., 2005
APX9145
www.anpec.com.tw
9
Reliability test program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C , 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @ 125
°C
PCT
JESD-22-B, A102
168 Hrs, 100 % RH , 121
°C
TST
MIL-STD-883D-1011.9
-65
°C ~ 150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms , I
tr > 100mA
Carrier Tape & Reel Dimensions
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Table 2. Pb-free Process – Package Classification Reflow Temperatures
Package Thickness
Volume mm
3
<350
Volume mm
3
350 -2000
Volume mm
3
>2000
<1.6 mm
260 +0
°C*
260 +0
°C*
260 +0
°C*
1.6 mm – 2.5 mm
260 +0
°C*
250 +0
°C*
245 +0
°C*
≥2.5 mm
250 +0°C*
245 +0°C*
245 +0°C*
*Tolerance: The device manufacturer/supplier shall assure process compatibility up to and
including the stated classification temperature (this means Peak reflow temperature +0
°C.
For example 260°C+0 °C) at the rated MSL level.
Table 1.
SnPb Entectic Process – Package Peak Reflow Temperatures
Package Thickness
Volume mm
3
<350
Volume mm
3
≥350
<2.5 mm
240 +0/-5 °C
225 +0/- 5°C
≥2.5 mm
225 +0/-5 °C
225 +0/- 5°C
Classificatin Reflow Profiles (Cont.)


Similar Part No. - APX9145

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-PB ANPEC-APX9140AEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-TR ANPEC-APX9140AEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-PB ANPEC-APX9140BEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-TR ANPEC-APX9140BEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results

Similar Description - APX9145

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH211 UTC-UH211 Datasheet
204Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277 Datasheet
191Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
UH211 UTC-UH211_15 Datasheet
217Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9142 ANPEC-APX9142 Datasheet
466Kb / 7P
   High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Winson Semiconductor Co...
WSH41F WINSON-WSH41F Datasheet
260Kb / 7P
   Hall Effect Sensor IC with Complementary Output Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com