Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7067NKE-TYL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7067NKE-TYL
Description  Synchronous Buck PWM and Linear Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7067NKE-TYL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7067NKE-TYL Datasheet HTML 5Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 6Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 7Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 8Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 9Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 10Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 11Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 12Page - Anpec Electronics Coropration APW7067NKE-TYL Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
APW7067N
www.anpec.com.tw
9
Typical Characteristics (Cont.)
CH1: Ug (20V/div)
CH2: Phase (10V/div)
CH3: Lg (10V/div)
Time: 50ns/div
CH1: Ug (20V/div)
CH2: Phase (10V/div)
CH3: Lg (10V/div)
Time: 50ns/div
CH1: FB (1V/div)
CH2: Vo1 (1V/div)
CH3: Ug (20V/div)
CH4: COMP (5V/div)
Time: 50us/div
CH1: FBL (1V/div)
CH2: Drive (5V/div)
CH3: Vo2 (2V/div)
Time: 100us/div
UGATE Rising
UGATE Falling
UVP_PWM Controller(FB< 0.4V)
UVP_Linear Regulator(FBL< 0.4V)
Vcc12=12V, Vin1=12V, Vo1=1.2V
CH3
CH2
CH1
VCC12=12V, Vin1=12V
Vo1=1.2V, L=1uH, Io1=10A
CH3
CH2
CH1
CH4
CH3
CH2
CH1
VCC12=12V, Vin2=3.3V
Vo2=2.5V,Io2=3A
Vcc12=12V, Vin1=12V, Vo1=1.2V
CH3
CH2
CH1


Similar Part No. - APW7067NKE-TYL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7067NKE-TRG ANPEC-APW7067NKE-TRG Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7067NKE-TRL ANPEC-APW7067NKE-TRL Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
More results

Similar Description - APW7067NKE-TYL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063 Datasheet
366Kb / 21P
   Synchronous Buck PWM and Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
   Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7058 ANPEC-APW7058 Datasheet
174Kb / 13P
   Synchronous Buck PWM and Linear Controllers
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com