Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5901-27KC Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5901-27KC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5901-27KC Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5901-27KC Datasheet HTML 2Page - Anpec Electronics Coropration APL5901-27KC Datasheet HTML 3Page - Anpec Electronics Coropration APL5901-27KC Datasheet HTML 4Page - Anpec Electronics Coropration APL5901-27KC Datasheet HTML 5Page - Anpec Electronics Coropration APL5901-27KC Datasheet HTML 6Page - Anpec Electronics Coropration APL5901-27KC Datasheet HTML 7Page - Anpec Electronics Coropration APL5901-27KC Datasheet HTML 8Page - Anpec Electronics Coropration APL5901-27KC Datasheet HTML 9Page - Anpec Electronics Coropration APL5901-27KC Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
6
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
150
300
450
600
750
900
APL5901/2-33
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
200k
50
100 200
500
1k
2k
5k
10k 20k
50k 100k
0.4
0.5
0.6
0.7
0.8
0.9
1
3
3.5
4
4.5
5
5.5
6
-12
-10
-8
-6
-4
-2
0
0
0.5
1
1.5
2
2.5
3
Typical Characteristics
SHDN Threshold Voltage vs. Input Voltage
Input Voltage (V)
PSRR vs. Frequency
Frequency (HZ)
IOUT =50mA
COUT=10uF
CBP=0.1uF
Output Current vs. Output Voltage
Output Voltage (V)
Output Current (mA)
V
IN=0V
V
IN=0V
V
IN=4V
V
IN=5V
APL5901/2-33
APL5901/2-33
Dropout Voltage vs. Output Current
V
OUT=1.5V
V
OUT=1.8V
V
OUT=3.3V
V
OUT=2.5V


Similar Part No. - APL5901-27KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910 ANPEC-APL5910 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRG ANPEC-APL5910KAI-TRG Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5910KAI-TRL ANPEC-APL5910KAI-TRL Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
More results

Similar Description - APL5901-27KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com