Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9145EE-TB Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APX9145EE-TB
Description  High Sensitivity Hall Effect Sensor IC with FG Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9145EE-TB Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APX9145EE-TB Datasheet HTML 2Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 3Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 4Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 5Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 6Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 7Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 8Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 9Page - Anpec Electronics Coropration APX9145EE-TB Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. A.2 - Nov., 2005
APX9145
www.anpec.com.tw
8
t 25 C to Peak
tp
Ramp-up
t
L
Ramp-down
ts
Preheat
Tsmax
Tsmin
T
L
T
P
25
Time
Critical Zone
T
L
to T
P
°
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition (IR/Convection or VPR Reflow)
Classificatin Reflow Profiles
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate
(TL to T P)
3
°C/second max.
3
°C/second max.
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (min to max) (ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
- Temperature (TL)
- Time (tL)
183°C
60-150 seconds
217°C
60-150 seconds
Peak/Classificatioon Temperature (Tp)
See table 1
See table 2
Time within 5°C of actual
Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-down Rate
6°C/second max.
6°C/second max.
Time 25
°C to Peak Temperature
6 minutes max.
8 minutes max.
Notes: All temperatures refer to topside of the package .Measured on the body surface.


Similar Part No. - APX9145EE-TB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-PB ANPEC-APX9140AEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-TR ANPEC-APX9140AEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-PB ANPEC-APX9140BEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-TR ANPEC-APX9140BEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results

Similar Description - APX9145EE-TB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH211 UTC-UH211 Datasheet
204Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277 Datasheet
191Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
UH211 UTC-UH211_15 Datasheet
217Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9142 ANPEC-APX9142 Datasheet
466Kb / 7P
   High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
Winson Semiconductor Co...
WSH41F WINSON-WSH41F Datasheet
260Kb / 7P
   Hall Effect Sensor IC with Complementary Output Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com