Electronic Components Datasheet Search |
|
APX9141ATEE-PB Datasheet(PDF) 7 Page - Anpec Electronics Coropration |
|
APX9141ATEE-PB Datasheet(HTML) 7 Page - Anpec Electronics Coropration |
7 / 8 page Copyright ANPEC Electronics Corp. Rev. A.7 - Apr., 2004 APX9141 www.anpec.com.tw 7 Physical Specifications Terminal Material Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Lead Solderability Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3. t 25 C to P e ak tp Ram p-u p t L Ram p-d ow n ts P rehea t Tsm ax Tsm in T L T P 25 Tim e C ritical Z one T L to T P ° Reflow Condition (IR/Convection or VPR Reflow) Classificatin Reflow Profiles Sn-Pb Eutectic Assembly Pb-Free Assembly Profile Feature Large Body Small Body Large Body Small Body Average ramp-up rate (TL to TP) 3 °C/second max. 3 °C/second max. Preheat - Temperature Min (Tsmin) - Temperature Mix (Tsmax) - Time (min to max)(ts) 100 °C 150 °C 60-120 seconds 150 °C 200 °C 60-180 seconds Tsmax to TL - Ramp-up Rate 3 °C/second max Tsmax to TL - Temperature(TL) - Time (tL) 183 °C 60-150 seconds 217 °C 60-150 seconds Peak Temperature(Tp) 225 +0/-5 °C 240 +0/-5 °C 245 +0/-5 °C 250 +0/-5 °C Time within 5 °C of actual Peak Temperature(tp) 10-30 seconds 10-30 seconds 10-30 seconds 20-40 seconds Ramp-down Rate 6 °C/second max. 6 °C/second max. Time 25 °C to Peak Temperature 6 minutes max. 8 minutes max. Note: All temperatures refer to topside of the package. Measured on the body surface. |
Similar Part No. - APX9141ATEE-PB |
|
Similar Description - APX9141ATEE-PB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |