Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW38HC44AKC-TRL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW38HC44AKC-TRL
Description  CMOS Current-Mode PWM Voltage Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW38HC44AKC-TRL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW38HC44AKC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW38HC44AKC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW38HC44AKC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW38HC44AKC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW38HC44AKC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW38HC44AKC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW38HC44AKC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW38HC44AKC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW38HC44AKC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CMOS Current-Mode PWM Voltage Controller
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Jan., 2003
APW38HC42A/3A/4A/5A
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Features
General Description
The APW38HC4XA family are fixed frequency, high
performance, current-mode PWM controller with 1.2
A drive current capability. Undervoltage lockout cir-
cuitry allows the APW38HC42A and APW38HC44A
versions to start up at 14.5V and operate down to
9V, and the APW38HC43A and APW38HC45A ver-
sions start at 8.4V with operateion down to 7.6V. All
versions operate up to 24V. The ultra low start-up
current 25
µA (typical), and operating current 2mA
(typical) have been designed to improve the converter
efficiency. High output driving capability up to 1.2A
ensures the fast switching to minimize the switching
losses. The APW38HC4XA features a trimmed and
temperature compensated oscillator discharge cur-
rent and bandgap reference. APW38HC4XA is avail-
able in both 8-pin plastic DIP and SOP packages.
Applications
Current-mode , Off-line , Switched-mode Power
Supplies
Current-mode , DC-to-DC converters
Various converters ( step-down, step-up, flyback
, forward, and synchronous FET)
Ordering and Marking Information
Ultralow start-up current (25µA typical)
Low operating current (2mA typical)
Fast output rise/fall times :
15ns rise/10ns fall
High output drive (1.2A peak current)
CMOS outputs with rail-to-rail swing
Current-mode operation up to 1MHz
Trimmed 5V bandgap reference
Pin-to-pin compatible with MIC38HC4X
Trimmed oscillator discharge current
UVLO with hysteresis
Low cross-conduction currents
APW 38HC4XA
Package Code
J : DIP - 8
K : SOP-8
Temp. Range
C : 0 to 70 C
I : -40 to 85 C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
Blank : Original Device
°
Handling Code
Temp. Range
Package Code
°
X - 2/3/4/5
XXXXX - Date Code
APW 38HC4XA
XXXXX
APW 384XA J :
APW 38HC4XA
XXXXX
APW 384XA K :
X - 2/3/4/5
XXXXX - Date Code
Lead Free Code
Pin Description
ISNS
RT/CT
VDD
GND
COMP
FB
OUT
1
2
3
4
VREF
5
6
7
8


Similar Part No. - APW38HC44AKC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712 ANPEC-APW300712 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TR ANPEC-APW300712KC-TR Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TU ANPEC-APW300712KC-TU Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300713 ANPEC-APW300713 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
More results

Similar Description - APW38HC44AKC-TRL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Linear Technology
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
   Low Voltage Current Mode PWM Controller
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com