Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW38HC42AJI-TRL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW38HC42AJI-TRL
Description  CMOS Current-Mode PWM Voltage Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW38HC42AJI-TRL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW38HC42AJI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APW38HC42AJI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APW38HC42AJI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW38HC42AJI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW38HC42AJI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW38HC42AJI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW38HC42AJI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW38HC42AJI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW38HC42AJI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Jan., 2003
APW38HC42A/3A/4A/5A
www.anpec.com.tw
4
VDD =15V, Note3 ; RT=9.09K
Ω; CT=3.3nF; -40oC ≤ TA ≤ 85oC; unless noted
APW38HC4XA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ERROR AMPLIFIER
IFB
Input Bias Current
VFB=5V
0.1
µA
AVOL
Open Loop Gain
2
≤ VO ≤ 4V
60
70
dB
BW
Unity Gain Bandwidth
0.7
1.0
MHz
PSRR
12
≤ VDD ≤ 18V
60
dB
Output Sink Current
VFB=2.7V, VCOMP=1.1V
2
7
mA
Output Source Current
VFB=2.3V, VCOMP=5V
-0.5
-1
mA
VOH
Output Voltage (High)
VFB=2.3V, RL=15k to GND
5
5.4
V
VOL
Output Voltage (Low)
VFB=2.7V, RL=15k to VREF
0.01
1.1
V
CURRENT SENSE
A
Gain
Notes 1,2
2.85
3.0
3.15
V/V
VTHM
Maximum Threshold
VCOMP=5V, Note 1
0.9
1.0
1.1
V
PSRR
12
≤ VDD ≤ 18V, Note 1
70
dB
IISNS
Input Bias Current
VISNS=5V
0.1
µA
TD
Delay to Output
120
250
ns
OUTPUT
RDS(ON) High
Sourcing Current = 200mA
6.3
R DS(ON) Low
Sinking Current = 200mA
4
tR
Rise Time
TA=25
°C, CL=1nF
15
30
ns
tF
Fall Time
TA=25
°C, CL=1nF
10
20
ns
UNDERVOLTAGE LOCKOUT
APW38HC42/4A
13.5
14.5
15.5
VDD(ST) Start Threshold
APW38HC43/5A
7.8
8.4
9.0
V
APW38HC42/4A
8.0
9.0
10.0
VDD(MIN) Minimum Operating Voltage
APW38HC43/5A
7.0
7.6
8.2
V
PULSE WIDTH MODULATOR
APW38HC42/3A
94
96
DMAX
Maximum Duty Cycle
APW38HC44/5A
46
50
%
DMIN
Minimum Duty Cycle
0
%
TOTAL STANDBY CURRENT
VDD=13V, APW38HC42/4A
30
150
IDD(ST)
Start-Up Current
VDD=7.5V, APW38HC43/5A
25
150
µA
IDD(OP)
Operating Supply Current
VFB =VISNS= 0V, CL=1nF
2.0
4.0
mA
Electrical Characteristics (Cont.)
Note 1 : Parameter measured at trip point of latch with VFB=0V.
Note 2 : Gain defined as :
A =
, 0<VTH(ISNS)<0.8V
Note 3 : Adjust VDD above the start threshold before setting at 15V.
Note 4 : Output frequency equals oscillator frequency for the APW38HC42A and APW38HC43A. Output
frequency for APW38HC44A and APW38HC45A equals one half of the oscillator frequency.
∆VCOMP
∆VTH(ISNS)


Similar Part No. - APW38HC42AJI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712 ANPEC-APW300712 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TR ANPEC-APW300712KC-TR Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TU ANPEC-APW300712KC-TU Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300713 ANPEC-APW300713 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
More results

Similar Description - APW38HC42AJI-TRL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Linear Technology
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
   Low Voltage Current Mode PWM Controller
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com