Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5507-28XC Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5507-28XC
Description  500mA Regulator Reset IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5507-28XC Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5507-28XC Datasheet HTML 1Page - Anpec Electronics Coropration APL5507-28XC Datasheet HTML 2Page - Anpec Electronics Coropration APL5507-28XC Datasheet HTML 3Page - Anpec Electronics Coropration APL5507-28XC Datasheet HTML 4Page - Anpec Electronics Coropration APL5507-28XC Datasheet HTML 5Page - Anpec Electronics Coropration APL5507-28XC Datasheet HTML 6Page - Anpec Electronics Coropration APL5507-28XC Datasheet HTML 7Page - Anpec Electronics Coropration APL5507-28XC Datasheet HTML 8Page - Anpec Electronics Coropration APL5507-28XC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
500mA Regulator + Reset IC
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Sep., 2002
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APL5505/6/7
Features
General Description
The APL5505/6/7 is micropower, low noise , low drop-
out regulators with a reset function (regulator input
(APL5505) or specific voltage(APL5506/7) monitoring),
and internal delay circuit, set to detect 3.9V or 4.2V.
Operate from 3V to 6V input voltage and deliver up to
500mA. Typical output noise is just 180uVRMS with an
external 0.01uF bypass capacitor connected in BP
pin and the typical dropout voltage is only 300mV at
500mA loading. Design with an internal P-channel
MOSFET pass transistor, the APL5505/6/7 maintains
a low supply current, independent of the load current
and dropout voltage. Other features include reverse
current protection, thermal-shutdown protection, cur-
rent limit protection to ensure specified output current
and controlled short-circuit current. The APL5505/6/
7 regulators come in miniature SOP-8, TSSOP-8 and
MSOP-8 packages.
Applications
• CD-ROM drive.
•••••
Low Quiescent Current : 120uA (No load)
•••••
Low Dropout Voltage : 300mV (VOUT=3.3V@
500mA)
•••••
Fixed Output Voltage : 1.3V,1.4V,1.5V,1.6V,
1.7V,1.8V,1.9V, 2.0V,2.1V,2.2V,2.3V,2.4V,
2.5V,2.6V,2.7V, 2.8V,2.9V,3.0V,3.1V,3.2V,
3.3V,3.4V.
•••••
Stable with 4.7uF Output Capacitor
•••••
Stable with Aluminum , Tantalum or Ceramic
Capacitors .
•••••
Reverse Current Protection
•••••
No Protection Diodes Needed
•••••
Built in Thermal Protection
•••••
Built in Current Limit Protection
•••••
Controlled Short Circuit Current : 50mA
•••••
Fast transient Response
•••••
Short Setting Time
•••••
SOP-8,TSSOP-8 and MSOP-8 Packages.
•••••
Adjustment-free Reset Detection Voltage :
3.9V or 4.2V typ.
••••• Easy to Set Delay Time from Voltage
Detection to Reset Release.
••••• Reset and Reset output
Pin Configuration
RESET
RESET
GN D
1
2
3
8
6
4
7
5
CONT
V IN
B y pass
V OUT
Cd
SOP-8 Top View
APL5505
SOP-8 Top View
APL5506
V DET
RESET
GN D
1
2
3
8
6
4
7
5
CONT
V IN
B y pass
V OUT
Cd
V DET
RESET
GN D
1
2
3
8
6
4
7
5
CONT
V IN
B y pass
V OUT
Cd
SOP-8 Top View
APL5507


Similar Part No. - APL5507-28XC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5507-28XC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com