Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-C193TBKT-5A Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTST-C193TBKT-5A
Description  LTST-C193TBKT-5A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C193TBKT-5A Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTST-C193TBKT-5A Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C193TBKT-5A Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C193TBKT-5A Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C193TBKT-5A Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C193TBKT-5A Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C193TBKT-5A Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C193TBKT-5A Datasheet HTML 9Page - Lite-On Technology Corporation LTST-C193TBKT-5A Datasheet HTML 10Page - Lite-On Technology Corporation LTST-C193TBKT-5A Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Cleaning
Do not use unspecified chemical liquid to clean LED they could harm the package.
If clean is necessary, immerse the LED in ethyl alcohol or in isopropyl alcohol at normal temperature for
less one minute.
Suggest Soldering Pad Dimensions
Notes:
1. Suggest stencil thickness is maximum 0.10mm.
Package Dimensions Of Tape And Reel
Notes:
1. All dimensions are in millimeters (inches).
Part
No. : LTST-C193TBKT-5A
Page :
7
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-C193TBKT-5A

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-C193TBKT-5A TO-GRACE-LTST-C193TBKT-5A Datasheet
729Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-C193TBKT-5A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C193NBKT-5A LITEON-LTST-C193NBKT-5A Datasheet
5Mb / 11P
   LTST-C193NBKT-5A
LTST-T670KGKT LITEON-LTST-T670KGKT Datasheet
665Kb / 10P
   LTST-T670KGKT
LTST-C155KGJRKT LITEON-LTST-C155KGJRKT Datasheet
353Kb / 6P
   LTST-C155KGJRKT
LTST-C150GKT LITEON-LTST-C150GKT Datasheet
307Kb / 6P
   LTST-C150GKT
LTST-C190KGKT LITEON-LTST-C190KGKT Datasheet
306Kb / 6P
   LTST-C190KGKT
LTST-C170CKT LITEON-LTST-C170CKT Datasheet
304Kb / 7P
   LTST-C170CKT
logo
Teledyne Technologies I...
603-1 TELEDYNE-603-1 Datasheet
518Kb / 3P
   2A and 5A/50Vdc and 5A/250 Vdc
logo
Sanyo Semicon Device
SBA50-04Y SANYO-SBA50-04Y Datasheet
81Kb / 3P
   40V, 5A Rectifier
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
logo
Sanyo Semicon Device
SB50-09J SANYO-SB50-09J Datasheet
73Kb / 3P
   90V, 5A Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com