Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW38HC43AKI-TRL Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW38HC43AKI-TRL
Description  CMOS Current-Mode PWM Voltage Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW38HC43AKI-TRL Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW38HC43AKI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APW38HC43AKI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APW38HC43AKI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APW38HC43AKI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APW38HC43AKI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW38HC43AKI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW38HC43AKI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW38HC43AKI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW38HC43AKI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Jan., 2003
APW38HC42A/3A/4A/5A
www.anpec.com.tw
7
PDIP-8 pin ( Reference JEDEC Registration MS-001)
Packaging Information
1
D
E1
A2
A1
A
L
e2
e 3
e 1
E
E3
1
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.68
0.115
0.145
L
9.02
10.16
0.355
0.400
e1
2.54BSC
0.100BSC
e2
0.36
0.56
0.014
0.022
e3
1.14
1.78
0.045
0.070
E
7.62 BSC
8.26
0.300 BSC
0.325
E1
6.10
7.11
0.240
0.280
E3
10.92
0.430
L
2.92
3.81
0.115
0.150
∅10°
15
°
0
°
15
°


Similar Part No. - APW38HC43AKI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712 ANPEC-APW300712 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TR ANPEC-APW300712KC-TR Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300712KC-TU ANPEC-APW300712KC-TU Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
APW300713 ANPEC-APW300713 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
More results

Similar Description - APW38HC43AKI-TRL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC170 MICROCHIP-TC170 Datasheet
476Kb / 16P
   CMOS Current Mode PWM Controller
2002
logo
TelCom Semiconductor, I...
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC170 TELCOM-TC170 Datasheet
104Kb / 8P
   CMOS CURRENT MODE PWM CONTROLLER
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Linear Technology
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
   Low Voltage Current Mode PWM Controller
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com