Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5506-32XC Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5506-32XC
Description  500mA Regulator Reset IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5506-32XC Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5506-32XC Datasheet HTML 4Page - Anpec Electronics Coropration APL5506-32XC Datasheet HTML 5Page - Anpec Electronics Coropration APL5506-32XC Datasheet HTML 6Page - Anpec Electronics Coropration APL5506-32XC Datasheet HTML 7Page - Anpec Electronics Coropration APL5506-32XC Datasheet HTML 8Page - Anpec Electronics Coropration APL5506-32XC Datasheet HTML 9Page - Anpec Electronics Coropration APL5506-32XC Datasheet HTML 10Page - Anpec Electronics Coropration APL5506-32XC Datasheet HTML 11Page - Anpec Electronics Coropration APL5506-32XC Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Sep., 2002
www.anpec.com.tw
8
APL5505/6/7
3
Typical Characteristics
Load-Transient Response
Time (s)
IOUT=10-500mA
IOUT
Time (s)
COUT=10uF
IOUT=50mA
Line-Transient Response
VIN
VOUT
VIN=5V
COUT=10uF
VOUT
RESET and RESET Delay Time
Time (s)
Time (s)
Shutdown Recovery Delay
RESET
CBP=0.01uF
CONT
VOUT
Cd=0.1uF
CBT=0.01uF
VIN
RESET
0V
0V
5V
5V
0V
5V
0V
0V
4V
3.3V
0A
0.5A
3.3V
2.3V
3.2V
3.3V
4V
5V
0
4m
8m
12m
16m
0.1m
0s
0.2m
0.3m
0.4m
0.1m
0s
0.2m
0.3m
0.4m
0.5m
0.1m
0.2m
0.3m
0.4m
0.5m
0s


Similar Part No. - APL5506-32XC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5506-32XC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com