Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1117-18D Datasheet(PDF) 4 Page - AUK corp

Part # S1117-18D
Description  Adjustable and Fixed Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S1117-18D Datasheet(HTML) 4 Page - AUK corp

  S1117-18D Datasheet HTML 1Page - AUK corp S1117-18D Datasheet HTML 2Page - AUK corp S1117-18D Datasheet HTML 3Page - AUK corp S1117-18D Datasheet HTML 4Page - AUK corp S1117-18D Datasheet HTML 5Page - AUK corp S1117-18D Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSD-I6O001-000
4
S1117AD/S1117-xxD
Typical Applications
Fig. 1 Fixed Voltage Regulator
2
ADJ
1
2
ADJ
R
×
I
+
)
R
R
+
1
(
×
V
=
Vo
Fig. 2 Adjustable Voltage Regulator
V
S1117A
10
C
(Adjustable Version)
R
I
R
I
125Ω
(1)
O
225Ω
(1)
O
C
10
1
V
Vo=3.5V
2
Adj
Notes 5:
1) CI needed if device is far from filter capacitors
2) CO minimum value required for stability
IADJ
R
10
O
10
O
S1117-XX
V
V
(Fixed Version)
L
Adj/GND
I
C
C
I


Similar Part No. - S1117-18D

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-18 AUK-S1117-18 Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117-18PI AUK-S1117-18PI Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117-18PIC AUK-S1117-18PIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117-18PIC AUK-S1117-18PIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117-18Q AUK-S1117-18Q Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
More results

Similar Description - S1117-18D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
   Adjustable and Fixed Voltage Regulator
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com