Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1117-25Q Datasheet(PDF) 5 Page - AUK corp

Part # S1117-25Q
Description  Adjustable and Fixed Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S1117-25Q Datasheet(HTML) 5 Page - AUK corp

  S1117-25Q Datasheet HTML 1Page - AUK corp S1117-25Q Datasheet HTML 2Page - AUK corp S1117-25Q Datasheet HTML 3Page - AUK corp S1117-25Q Datasheet HTML 4Page - AUK corp S1117-25Q Datasheet HTML 5Page - AUK corp S1117-25Q Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KSD-I5A001-000
5
S1117AQ/S1117-xxQ
Electrical Characteristic Curves
Fig.3 VDROP vs IO
Fig.4 Vo vs Ta
1.8
200
1000
600
400
1.4
0
800
2.0
0.8
0.4
0.6
1.6
1.2
1.0
Output Current IO [mA]
Ta=0°C
50°C
125°C
Ambient Temperature Ta [℃]
0
150
75
50
-25
100
25
125
0.90
0.30
1.20
-0.6
-1.2
-0.9
0.60
0.00
-0.3
VI=VO+1.5V, IO=500mA
Fig.5 IL(MIN) vs VI-VO
Fig.6 IAdj vs Ta
Input-Output Differential Voltage [V]
1.0
8
1.8
3.4
2.6
0
6
3
4.2
4
1
2
5
7
1.4
2.2
3.0
3.8
Ta=125℃
50℃
0℃
Fig.7 PD vs Ta
Ambient Temperature Ta [˚C]
100
50
10
25
6
125
75
150
8
2
4
0
0
Ambient Temperature Ta [℃]
0
150
75
50
-25
100
25
125
80
70
85
55
40
45
75
65
60
VI=VO+1.5V, IO=100mA
T
C
=25°C
Ta=25℃
Mounted on a glass
epoxy circuit board
of 25.4*25.4 mm
(at 1oz copper area)
S1117A, VAdj=0


Similar Part No. - S1117-25Q

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-25Q AUK-S1117-25Q Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
More results

Similar Description - S1117-25Q

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
   Adjustable and Fixed Voltage Regulator
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com