Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1117-285PIC Datasheet(PDF) 2 Page - AUK corp

Part # S1117-285PIC
Description  Adjustable and Fixed Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S1117-285PIC Datasheet(HTML) 2 Page - AUK corp

  S1117-285PIC Datasheet HTML 1Page - AUK corp S1117-285PIC Datasheet HTML 2Page - AUK corp S1117-285PIC Datasheet HTML 3Page - AUK corp S1117-285PIC Datasheet HTML 4Page - AUK corp S1117-285PIC Datasheet HTML 5Page - AUK corp S1117-285PIC Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-I0T001-000
2
S1117APIC/S1117-xxPIC
Absolute Maximum Ratings
[Ta=25
°C]
Characteristic
Symbol
Rating
Unit
Input voltage
VI
16
V
Power Dissipation
PD
2.0
W
Junction Temperature
TJ
150
°C
Operating temperature range
Topr
0 ~ +125
Storage temperature range
Tstg
-55 ~ +150
°C
Recommended operating conditions
Characteristic
Symbol
Min.
Max.
Unit
Input voltage
VI
VO+1.5V
VO+7V
V
Output current
IO
1
1000
mA
Device Selection Guide
Note 1 : Other fixed versions are available VO=1.5V ~ 5V
Device
Output Voltage
S1117APIC
Adjustable
S1117-15PIC
1.50V
S1117-18PIC
1.80V
S1117-25PIC
2.50V
S1117-285PIC
2.85V
S1117-33PIC
3.30V
S1117-50PIC
5.00V


Similar Part No. - S1117-285PIC

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-285PIC AUK-S1117-285PIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
More results

Similar Description - S1117-285PIC

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
   Adjustable and Fixed Voltage Regulator
SJ1117XXX KODENSHI-SJ1117XXX Datasheet
437Kb / 17P
   Adjustable and Fixed Voltage Regulator
logo
AUK corp
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
   Adjustable and Fixed Voltage Regulator
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com