Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5413-H Datasheet(PDF) 2 Page - AUK corp

Part # SI5413-H
Description  IRED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SI5413-H Datasheet(HTML) 2 Page - AUK corp

  SI5413-H Datasheet HTML 1Page - AUK corp SI5413-H Datasheet HTML 2Page - AUK corp SI5413-H Datasheet HTML 3Page - AUK corp SI5413-H Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-O2Q004-000
2
SI5413-H / SI5413-H(B)
Absolute Maximum Ratings
(Ta=25℃)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
145
mW
Forward current
IF
100
mA
*1Peak forward current
IFP
1
A
Reverse voltage
VR
4
V
Operating temperature range
Topr
-25 85
Storage temperature range
Tstg
-30 100
*2Soldering temperature
Tsol
260
for
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of IRED package
Electrical / Optical Characteristics
(Ta=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF= 50mA
-
1.3
1.45
V
Radiant intensity
IE
IF= 50mA
10
22
-
mW/Sr
Peak wavelength
λP
IF= 50mA
-
950
-
nm
Spectrum bandwidth
λ
IF= 50mA
-
50
-
nm
Reverse current
IR
VR=4V
-
-
10
uA
*3Half angle
θ1/2
IF= 50mA
-
±30
-
deg
*3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


Similar Part No. - SI5413-H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SI5413-H KODENSHI-SI5413-H Datasheet
206Kb / 4P
   Blue Colored transparency lens type
More results

Similar Description - SI5413-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SI5315-H AUK-SI5315-H_1 Datasheet
180Kb / 4P
   IRED
SI3317-H AUK-SI3317-H Datasheet
171Kb / 4P
   IRED
SI5313-C AUK-SI5313-C Datasheet
80Kb / 3P
   IRED
SI5313-H AUK-SI5313-H Datasheet
64Kb / 3P
   IRED
SI5314-H AUK-SI5314-H Datasheet
66Kb / 3P
   IRED
SI5313-C AUK-SI5313-C_1 Datasheet
182Kb / 4P
   IRED
SI5313-H AUK-SI5313-H_1 Datasheet
178Kb / 4P
   IRED
SI5412-H AUK-SI5412-H Datasheet
208Kb / 4P
   IRED
SI5312-H AUK-SI5312-H Datasheet
73Kb / 3P
   IRED
SI5315-C AUK-SI5315-C_1 Datasheet
183Kb / 4P
   IRED
SI5315-C AUK-SI5315-C Datasheet
83Kb / 3P
   IRED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com