Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTE1262 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # VTE1262
Description  GaAlAs Infrared Emitting Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTE1262 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  VTE1262 Datasheet HTML 1Page - PerkinElmer Optoelectronics VTE1262 Datasheet HTML 2Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
114
GaAlAs Infrared Emitting Diodes
T-1¾ (5 mm) Plastic Package — 880 nm
VTE1281-1, -2
PACKAGE DIMENSIONS inch (mm)
CASE 26
T-1¾ (5 mm)
CHIP SIZE: .015" x .015"
DESCRIPTION
This narrow beam angle 5 mm diameter plastic packaged emitter contains a medium area, single wirebonded, GaAlAs, 880 nm, high
efficiency IRED chip. It is designed to be cost effective in moderate pulse drive applications.
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted)
Maximum Temperatures
Storage and Operating:
-40°C to 100°C
Continuous Power Dissipation:
200 mW
Derate above 30°C:
2.86 mW/°C
Maximum Continuous Current:
100 mA
Derate above 30°C:
1.43 mA/°C
Peak Forward Current, 10 µs, 100 pps:
2.5 A
Temp. Coefficient of Power Output (Typ.):
-.8%/°C
Maximum Reverse Voltage:
5.0V
Maximum Reverse Current @ VR = 5V:
10 µA
Peak Wavelength (Typical):
880 nm
Junction Capacitance @ 0V, 1 MHz (Typ.):
23 pF
Response Time @ IF = 20 mA
Rise: 1.0 µs
Fall: 1.0 µs
Lead Soldering Temperature:
260°C
(1.6 mm from case, 5 seconds max.)
ELECTRO-OPTICAL CHARACTERISTICS @ 25°C (See also GaAlAs curves, pages 108-110)
Refer to General Product Notes, page 2.
Part Number
Output
Forward Drop
Half Power Beam
Angle
Irradiance
Radiant
Intensity
Total Power
Test
Current
VF
Ee
Condition
Ie
PO
IFT
@ IFT
θ
1/2
mW/cm2
distance
Diameter
mW/sr
mW
mA
(Pulsed)
Volts
Typ.
Min.
Typ.
mm
mm
Min.
Typ.
Typ.
Max.
VTE1281-1
2.5
3.3
36
6.4
32
20
100
1.5
2.0
±10°
VTE1281-2
5.0
6.5
36
6.4
65
25
100
1.5
2.0
±10°
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto


Similar Part No. - VTE1262

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTE12-SCX/SD ETA-USA-VTE12-SCX/SD Datasheet
2Mb / 3P
   150W Isolated Power Supply
logo
PerkinElmer Optoelectro...
VTE1281-1 PERKINELMER-VTE1281-1 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281-2 PERKINELMER-VTE1281-2 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281F PERKINELMER-VTE1281F Datasheet
24Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281W-1 PERKINELMER-VTE1281W-1 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
More results

Similar Description - VTE1262

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
CL-205 KODENSHI-CL-205 Datasheet
182Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
logo
PerkinElmer Optoelectro...
VTE3373LA PERKINELMER-VTE3373LA Datasheet
29Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281F PERKINELMER-VTE1281F Datasheet
24Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281W-1 PERKINELMER-VTE1281W-1 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1285 PERKINELMER-VTE1285 Datasheet
27Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1291W-1 PERKINELMER-VTE1291W-1 Datasheet
33Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE7172 PERKINELMER-VTE7172 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
logo
Hitachi Semiconductor
HE8807SG HITACHI-HE8807SG Datasheet
25Kb / 5P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-1KL3 KODENSHI-CL-1KL3 Datasheet
201Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
CL-203 KODENSHI-CL-203 Datasheet
200Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com