Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD4002150ZD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ISD4002150ZD
Description  Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISD4002150ZD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISD4002150ZD Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD4002150ZD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISD4000 Series
Single-Chip Voice Record/Playback Devices
2- to 16-Minute Durations
To Order Products or More Information:
ADDRESS
PHONE
2727 N. First Street
1-800-677-0769 (US Only)
San Jose, CA 95134
408-943-6666
408-544-1786 (Fax)
WEBSITE
e-mail
www.isd.com
info@isd.com
ISD, ChipCorder and AutoMute are registered trademarks of ISD.
All other trademarks are properties of their respective owners.
Printed in the U.S.A. ISD4000PB2-699
ORDERING
THE
ISD4000
PRODUCTS
Product Series
2 = Second Series
(2–4 minutes)
3 = Third Series
(4–8 minutes)
4 = Fourth Series
(8–16 minutes)
Duration
120 = 120 seconds
150 = 150 seconds
180 = 180 seconds
240 = 240 seconds
04M = 4 minutes
05M = 5 minutes
06M = 6 minutes
08M = 8 minutes
10M = 10 minutes
12M = 12 minutes
16M = 16 minutes
ISD4004-E E E E E
Special Temperature Field
Blank = Commercial Die
(0°C to +50°C)
or Commercial Packaged
(0°C to +70°C)
D = Extended
(–20°C to +70°C)
I = Industrial
(–40°C to +85°C)
Package Type
E = 28 Lead 8
× 13.4mm TSOP
P = 28 Lead 0.600-inch PDIP
S = 28 Lead 0.300-inch SOIC
X = Die
Z = Chip Scale Package
(CSP, µBGA)
ISD4002 (2–4 Minute )
ISD4003 (4–8 Minute )
ISD4004 (8–16 Minute )
TSOP
PDIP
SOIC
DIE
CSP
TSOP
PDIP
SOIC
DIE
CSP
TSOP
PDIP
SOIC
DIE
CSP
Commercial Die
(0° to +50°)
Commercial Packaged
(0° to +70°)
Extended
(–20° to +70°)
Industrial
(–40° to +85°)
ISD4000
SERIES
P ACKAGE
AND
TEMPERA TURE
A V AILABILITY
8.0 KHz
6.4 KHz
5.3 KHz
4.0 KHz
ISD4002 Series
ISD4002-120
ISD4002-150
ISD4002-180
ISD4002-240
(2–4 Minutes)
(120 Seconds)
(150 Seconds)
(180 Seconds)
(240 Seconds)
ISD4003 Series
ISD4003-04M
ISD4003-05M
ISD4003-06M
ISD4003-08M
(4–8 Minutes)
(4 Minutes)
(5 Minutes)
(6 Minutes)
(8 Minutes)
ISD4004 Series
ISD4004-08M
ISD4004-10M
ISD4004-12M
ISD4004-16M
(8–16 Minutes)
(8 Minutes)
(10 Minutes)
(12 Minutes)
(16 Minutes)
ISD4000
SERIES
A V AILABLE
DURA TIONS
AND
SAMPLING
RA TES


Similar Part No. - ISD4002150ZD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Nuvoton Technology Corp...
ISD4002 NUVOTON-ISD4002 Datasheet
1Mb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 120-, 150-, 180-, AND 240-SECOND DURATION
logo
List of Unclassifed Man...
ISD4002-120 ETC-ISD4002-120 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD4002-120E ETC-ISD4002-120E Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD4002-120ED ETC-ISD4002-120ED Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
More results

Similar Description - ISD4002150ZD

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com