Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

555M-3001 Datasheet(PDF) 9 Page - LEDTRONICS, INC

Part # 555M-3001
Description  PCB LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

555M-3001 Datasheet(HTML) 9 Page - LEDTRONICS, INC

Back Button 555M-3001 Datasheet HTML 4Page - LEDTRONICS, INC 555M-3001 Datasheet HTML 5Page - LEDTRONICS, INC 555M-3001 Datasheet HTML 6Page - LEDTRONICS, INC 555M-3001 Datasheet HTML 7Page - LEDTRONICS, INC 555M-3001 Datasheet HTML 8Page - LEDTRONICS, INC 555M-3001 Datasheet HTML 9Page - LEDTRONICS, INC 555M-3001 Datasheet HTML 10Page - LEDTRONICS, INC 555M-3001 Datasheet HTML 11Page - LEDTRONICS, INC 555M-3001 Datasheet HTML 12Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
.190
.190
.170
.170
.190
.170
.045
[4.8]
[4.8]
[4.3]
[4.3]
[4.8]
[4.3]
[1.2]
SINGLE LEVEL RECTANGULAR LEDs
BILEVEL RECTANGULAR LEDs
.248
.248
.248
.248
.355
.355
.605
.248
.248
.248
.248
LED SIZE 2mm x 5mm
LED SIZE 2mm x 5mm
LED SIZE 2mm x 5mm
LED SIZE 1mm x 5mm
LED SIZE 1mm x 5mm
LED SIZE 1mm x 5mm
.248
.248
.098
.098
.070
.070
.100
.100
.100
.100
.100
.125
.125
.100 TYP
.200
.200
.200
.200
.205
.248
.125
.125
.125
.125
.248
.248
.248
.248
.248
.440
.440
.153
.153
.325
.325
.125
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.140
[6.3]
[3.2]
[3.2]
[3.2]
[3.2]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[11.2]
[11.2]
[3.9]
[3.9]
[8.3]
[8.3]
[3.2]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[3.6]
LED 1
LED 2
LED 2
LED 2
LED 1
[6.3]
[6.3]
[6.3]
[6.3]
[9.0]
[9.0]
[15.4]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[2.5]
[2.5]
[1.8]
[1.8]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[3.2]
[3.2]
[2.6]
[5.1]
[5.1]
[5.1]
[5.1]
[5.2]
RP240
RPV240
RPT240
RP280
RPV280
RPT280
21RP070
21RPV070
RED
RED
RED
COLOR
COLOR
R
RP280
RPT280
RPV280
RP210
RPT210
RPV210
SP200
SPT200
SPV200
R
R
RP240
RPT240
RPV240
CODE
CODE
CODE
SERIES
SERIES
2.0/2.8
2.0/2.8
2.0/2.8
Vf
Vf
1.5/3.8
2.0/4.0
1.2/3.0
Iv mcd
Iv mcd
10/30
10/30
10/30
mA
mA
YELLOW
YELLOW
YELLOW
Y
Y
Y
2.1/2.8
2.1/2.8
2.1/2.8
1.5/3.0
1.5/3.0
1.0/2.3
10/30
10/30
10/30
GREEN
GREEN
GREEN
G
G
G
2.1/2.8
2.1/2.8
2.1/2.8
1.5/3.0
1.5/3.0
1.2/3.0
10/30
10/30
10/30
BLUE
BLUE
BLUE
B
B
B
3.2/3.7
3.2/3.7
3.2/3.7
0.4/0.6
0.5/0.8
0.6/1.1
30/50
30/50
30/35
+
+
.100
.500 MIN
[12.7]
[2.6]
+
+
++
++
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
SPECIALS
.100
.500 MIN
[12.7]
[2.6]
+
.100
.500 MIN
[12.7]
[2.6]
+
.220
.220
.220
.220
.220
.220
.045
[5.6]
[5.6]
[5.6]
[5.6]
[5.6]
[5.6]
[1.2]
.248
.248
.248
.248
.355
.355
.605
.392
.294
.196
.098 TYP
.098 TYP
.098 TYP
.248
.248
.248
LED SIZE 5mm x 5mm
LED SIZE 5mm x 5mm
LED SIZE 5mm x 5mm
LED SIZE 2.5mm x 5mm
LED SIZE 2.5mm x 5mm
LED SIZE 2.5mm x 5mm
.248
.248
.248
.100
.100
.100
.100
.125
.125
.100 TYP
.200
.200
.200
.200
.125
.125
.125
.125
.248
.248
.248
.248
.248
.248
.125
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.140
.075
[3.2]
[3.2]
[3.2]
[3.2]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[3.2]
[12.7]
[12.7]
[12.7]
[12.7]
LED 2
[3.6]
[1.9]
[6.3]
[6.3]
[6.3]
[6.3]
[9.0]
[9.0]
[15.4]
[10.0]
[7.5]
[5.0]
[2.5]
[2.5]
[2.5]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[6.3]
[2.6]
[2.6]
[2.6]
[2.6]
[3.2]
[3.2]
[2.6]
[5.1]
[5.1]
[5.1]
[5.1]
RP210
RPV210
RPT210
SP200
SPV200
SPT200
24RP070
23RP070
22RP070
RED
RED
COLOR
R
R
2.0/2.8
2.0/2.8
Vf
1.0/2.0
0.3/1.0
Iv mcd
10/30
10/30
mA
YELLOW
YELLOW
Y
Y
2.1/2.8
2.1/2.8
1.0/2.0
0.4/1.5
10/30
10/30
GREEN
GREEN
G
G
2.1/2.8
2.1/2.8
2.5/4.5
0.4/1.3
10/30
10/30
++
++
+
+
SAMPLE PART NUMBER:
LED COLOR
RP280X3
Arrays
8
SAMPLE PART NUMBER:
LED 1 COLOR
LED 2 COLOR
21RPV070T3-X/X


Similar Part No. - 555M-3001

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
555MABA01KJ ILLINOISCAPACITOR-555MABA01KJ Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
555MABA01KJ ILLINOISCAPACITOR-555MABA01KJ Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
More results

Similar Description - 555M-3001

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com