Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK0765F Datasheet(PDF) 3 Page - AUK corp

Part # STK0765F
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK0765F Datasheet(HTML) 3 Page - AUK corp

  STK0765F Datasheet HTML 1Page - AUK corp STK0765F Datasheet HTML 2Page - AUK corp STK0765F Datasheet HTML 3Page - AUK corp STK0765F Datasheet HTML 4Page - AUK corp STK0765F Datasheet HTML 5Page - AUK corp STK0765F Datasheet HTML 6Page - AUK corp STK0765F Datasheet HTML 7Page - AUK corp STK0765F Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KST-H038-003
3
STK0765F
Electrical Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max. Unit
Drain-source breakdown voltage
V(BR)DSS
ID=250 , VGS=0
650
-
-
V
Gate threshold voltage
VGS(th)
ID=250 , VDS= VGS
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=650V, VGS=0
-
-
10
µA
Gate leakage current
IGSS
VDS=0V, VGS=±30V
-
-
±100
nA
Static drain-source on-resistance ④
RDS(on)
VGS=10V, ID=3.5A
-
-
1.2
Forward transfer conductance
gfs
VDS=5V, ID=3.5A
3.9
6.4
-
S
Input capacitance
Ciss
-
881
-
Output capacitance
Coss
-
123
-
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V
f=1
-
19
-
pF
Turn-on delay time
td(on)
-
18
-
Rise time
tr
-
19
-
Turn-off delay time
td(off)
-
72
-
Fall time
tf
VDD=325V, ID=7A
RG=25Ω
Fig. 13
-
28
-
ns
Total gate charge
Qg
-
49
-
Gate-source charge
Qgs
-
8.4
-
Gate-drain charge
Qgd
VDS=520V, VGS=10V,
ID=7A
Fig. 12
-
22.1
-
nC
Source-Drain Diode Ratings and Characteristics
(TC=25℃)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Units
Source current (DC)
IS
-
-
7
Source current (Pulsed)
ISP
Integral reverse diode
in the MOSFET
-
-
28
A
Diode forward voltage
VSD
VGS=0V, IS=7A
-
-
1.4
V
Reverse recovery time
trr
-
320
-
ns
Reverse recovery charge
Qrr
IS=7A, VGS=0V
dIS/dt=100A/
-
2.4
-
uC
Note ;
Repetitive rating : Pulse width limited by maximum junction temperature
L=15.7mH, IAS=7A, VDD=50V, RG=27Ω
Pulse Test : Pulse width≤ 400 , Duty cycle≤ 2%
Essentially independent of operating temperature


Similar Part No. - STK0765F

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STK0765F VBSEMI-STK0765F Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Super Junction Power MOSFET
More results

Similar Description - STK0765F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com