Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK7002U Datasheet(PDF) 2 Page - AUK corp

Part # STK7002U
Description  N-Channel Enhancement-Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK7002U Datasheet(HTML) 2 Page - AUK corp

  STK7002U Datasheet HTML 1Page - AUK corp STK7002U Datasheet HTML 2Page - AUK corp STK7002U Datasheet HTML 3Page - AUK corp STK7002U Datasheet HTML 4Page - AUK corp STK7002U Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KST-3069-002
2
STK7002U
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Drain-Source voltage
VDSS
60
V
Gate-Source voltage
VGS
±20
V
Maximum Drain current
ID
115
mA
Pulsed Drain Current
IDP *
800
mA
Power Dissipation
PD
200
mW
Maximum Junction-to-Ambient
RthJA
625
°C/W
Operating Junction and
Storage temperature range
TJ , Tstg
-55~150
°C
* PW ≤ 10 ㎲, Duty cycle ≤ 1%
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Drian-Source breakdown voltage
BVDSS
ID=10µA, VGS=0
60
-
-
V
Gate-Threshold voltage
VGS(th)
ID=0.25mA, VDS=VGS
1
2.0
2.5
V
Zero Gate voltage drain current
IDSS
VDS=60V, VGS=0
-
-
1
µA
Gate-body leakage
IGSS
VDS=0V, VGS=±20V
-
-
±100
nA
VGS=5V, ID=50mA
-
3.2
7.5
Drain-Source on-resistance
RDS(ON) *
VGS=10V, ID=500mA
-
2.4
7.5
Forward transconductance
gfs
VDS=10V, ID=0.2A
80
-
-
mS
Input capacitance
Ciss
-
22
50
Output capacitance
Coss
-
11
25
Reverse Transfer capacitance
Crss
VDS=25V, VGS=0, f=1MHz
-
2
5
pF
Turn-on time
tON
-
7
20
ns
Turn-off time
tOFF
VDD=30V, ID=0.2A
VGS=10V, RG=25Ω
-
11
20
ns
* PW ≤ 300 ㎲, Duty cycle ≤ 1%


Similar Part No. - STK7002U

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STK7002U KODENSHI-STK7002U Datasheet
406Kb / 8P
   N-Channel Enhancement-Mode MOSFET
More results

Similar Description - STK7002U

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com