Electronic Components Datasheet Search |
|
STN3904S Datasheet(PDF) 2 Page - AUK corp |
|
STN3904S Datasheet(HTML) 2 Page - AUK corp |
2 / 3 page KST-2043-001 2 STN3904S Absolute maximum ratings (Ta=25 °°°°C) Characteristic Symbol Ratings Unit Collector-Base voltage VCBO 60 V Collector-Emitter voltage VCEO 40 V Emitter-Base voltage VEBO 6V Collector current IC 100 mA Collector dissipation PC* 350 mW Junction temperature Tj 150 °C Storage temperature Tstg -55~150 °C * : Package mounted on 99.5% Alumina 10 ×8×0.6 Electrical Characteristics (Ta=25 °°°°C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Collector-Base breakdown voltage BV CBO I C=10µA, IE=0 60 - - V Collector-Emitter breakdown voltage BV CEO I C=1mA, IB=0 40 - - V Emitter-Base breakdown voltage BV EBO I E=10µA, IC=0 6 - - V Collector cut-off current I CBO V CB=60V, IE=0 - - 0.1 µA DC current gain h FE V CE=1V, IC=10mA 100 - 300 - Collector-Emitter saturation voltage V CE(sat) I C=50mA, IB=5mA - - 0.4 V Transition frequency f T V CE=20V, IC=10mA 300 - - MHz Collector output capacitance C ob V CE=5V, IE=0, f=1MHz - - 4 pF |
Similar Part No. - STN3904S |
|
Similar Description - STN3904S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |