Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUR523H Datasheet(PDF) 2 Page - AUK corp

Part # SUR523H
Description  Epitaxial planar NPN silicon transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SUR523H Datasheet(HTML) 2 Page - AUK corp

  SUR523H Datasheet HTML 1Page - AUK corp SUR523H Datasheet HTML 2Page - AUK corp SUR523H Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-R5R008-000
2
Absolute Maximum Ratings [Tr1,Tr2]
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Output voltage
VO
50
V
Input voltage
VI
40,-10
V
Output current
IO
100
mA
Power dissipation
PD
200
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
: Total rating
Electrical Characteristics [Tr1,Tr2]
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Output cut-off current
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC current gain
GI
VO=5V, IO=10mA
70
120
-
-
Output voltage
VO(ON)
IO=10mA, II=0.5mA
-
0.1
0.3
V
Input voltage (ON)
VI(ON)
VO=0.2V, IO=5mA
-
2.1
3.0
V
Input voltage (OFF)
VI(OFF)
VO=5V, IO=0.1mA
1.0
1.2
-
V
Transition frequency
fT
*
VO=10V, IO=5mA, f=1MHz
-
200
-
MHz
Input current
II
VI=5V, IO=0
-
-
0.36
mA
Input resistor (Input to base)
R1
-
15.4
22
28.6
Input resistor (Base to common)
R2
-
15.4
22
28.6
* : Characteristic of transistor only
SUR523H


Similar Part No. - SUR523H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUR523H KODENSHI-SUR523H Datasheet
274Kb / 5P
   Epitaxial planar NPN silicon transistor
More results

Similar Description - SUR523H

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com