Electronic Components Datasheet Search |
|
SUR548J Datasheet(PDF) 2 Page - AUK corp |
|
SUR548J Datasheet(HTML) 2 Page - AUK corp |
2 / 3 page KSD-R5S015-000 2 SUR548J Absolute Maximum Ratings [Tr1,Tr2] (Ta=25 °C) Characteristic Symbol Rating Unit Output voltage VO -50 V Input voltage VI -20, 5 V Output current IO -100 mA Power dissipation PD ※ 200 mW Junction temperature TJ 150 °C Storage temperature range Tstg -55 ~ 150 °C ※ : Total rating Electrical Characteristics [Tr1,Tr2] (Ta=25 °C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Output cut-off current IO(OFF) VO=-50V, VI=0 - - -500 nA DC current gain GI VO=-5V, IO=-10mA 120 - - - Output voltage VO(ON) IO=-10mA, II=-0.5mA - -0.1 -0.3 V Input voltage (ON) VI(ON) VO=-0.2V, IO=-5mA - -0.8 -1.2 V Input voltage (OFF) VI(OFF) VO=-5V, IO=-0.1mA -0.3 -0.55 - V Transition frequency fT * VO=-10V, IO=-5mA, f=1MHz - 200 - MHz Input current II VI=-5V, IO=0 - - -1.8 mA Input resistor (Input to base) R1 - 3.3 4.7 6.1 KΩ * : Characteristic of transistor only |
Similar Part No. - SUR548J |
|
Similar Description - SUR548J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |